Electronic Components Datasheet Search
  English  ▼

X  

MRF650 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF650
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF650 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF650 Datasheet HTML 1Page - Motorola, Inc MRF650 Datasheet HTML 2Page - Motorola, Inc MRF650 Datasheet HTML 3Page - Motorola, Inc MRF650 Datasheet HTML 4Page - Motorola, Inc MRF650 Datasheet HTML 5Page - Motorola, Inc MRF650 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF650
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
Figure 4. Output Power versus Supply Voltage
Figure 5. Broadband Performance for Po = 50 W
Figure 6. Input and Output Impedance Normalized to 10 Ohms
Circuit Tuned for Maximum Gain @ Po = 50 W
Pin, INPUT POWER (WATTS)
08
80
60
40
20
0
4
f = 400
MHz
90
70
50
30
10
12
16
20
24
28
32
470 MHz
VCC = 12.5 Vdc
f, FREQUENCY (MHz)
420
80
60
40
20
0
400
70
50
30
10
440
460
480
500
520
15 W
VCC, SUPPLY VOLTAGE (VOLTS)
8
80
60
40
20
90
70
50
30
10
12
16
7
9
10
11
13
14
15
17
f, FREQUENCY (MHz)
16
14
440
460
480
500
520
12
10
8
6
4
2
0
1.0:1
1.5:1
2.0:1
60
70
80
90
Po = 50 W
VCC = 12.5 Vdc
Pin
ηc
VSWR
512 MHz
520 MHz
13 W
11 W
VCC = 12.5 Vdc
Pin = 17 W
15 W
13 W
11 W
f = 512 MHz
Pin = 17 W
f = 400 MHz
512
f = 400 MHz
520
440
ZOL*
Zin
470
512
520
470
440
f
(MHz)
Zin
Ω
ZOL*
Ω
400
440
470
512
520
0.7 + j2.8
0.7 + j3.2
0.8 + j3.3
0.8 + j3.2
0.7 + j3.0
1.4 + j2.3
1.1 + j2.6
0.8 + j2.7
0.7 + j2.9
0.6 + j3.0
Pout = 50 W, VCC = 12.5 Vdc
TUNED FOR MAXIMUM
GAIN AT Po = 50 W
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device operates at a given
ZOL* = output power, voltage and frequency.
NOTE: Zin & ZOL* are given from base–to–base
and collector–to–collector respectively.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com