Electronic Components Datasheet Search
  English  ▼

X  

EXC24CB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EXC24CB
Description  2 mode Noise Filters Burst/radiation noise fi ltering for audio circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC24CB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EXC24CB Datasheet HTML 1Page - Panasonic Semiconductor EXC24CB Datasheet HTML 2Page - Panasonic Semiconductor EXC24CB Datasheet HTML 3Page - Panasonic Semiconductor EXC24CB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 mode Noise Filters
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
43
12
43
12
Frequency(MHz)
Frequency(MHz)
0
100
200
300
400
500
1
10
100
1000
10000
0
100
200
300
400
500
1
10
100
1000
10000
Normal mode
Open mode
Common mode
Normal mode
Open mode
Common mode
Frequency(MHz)
500
400
300
200
100
0
1
10
100
1000
10000
Open mode
Normal mode
Common mode
Frequency(MHz)
1200
1000
800
600
400
200
0
1
10
100
1000
10000
Open mode
Normal mode
Common mode
(A)Open Mode
(B)Common Mode
(C)Normal Mode
■ Circuit Configuration (No Polarity)
● Measurement Circuit
● EXC24CP121U
● EXC24CB221U
● EXC24CP221U
● EXC24CB102U
Part Number
Impedance (Open mode)
Rated Voltage
(V DC)
Rated Current
(mA DC)
DC Resistance
(
Ω) max.
(
Ω) at 100MHz
Tolerance(%)
EXC24CP121U
120
±25
5
500
0.3
EXC24CP221U
220
350
0.4
EXC24CB221U
220
100
0.7
EXC24CB102U
1000
50
1.5
■ Ratings
■ Impedance Characteristics (Typical)
Part Number
Impedance (Common mode)
Rated Voltage
(V DC)
Rated Current
(mA DC)
DC Resistance
(
Ω) max.
(
Ω) at 100MHz
Tolerance(%)
EXC24CN601X
600
±25
5
200
0.9
● Category Temperature Range –40 °C to +85 °C
Nov. 20112
02
29



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com