Electronic Components Datasheet Search
  English  ▼

X  

MRF652 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF652
Description  RF POWER TRANSISTORS NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF652 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF652 Datasheet HTML 1Page - Motorola, Inc MRF652 Datasheet HTML 2Page - Motorola, Inc MRF652 Datasheet HTML 3Page - Motorola, Inc MRF652 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRF652 MRF652S
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 15 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
9.5
15
pF
FUNCTIONAL TESTS
Common–Emitter Amplifier Power Gain
f = 512 MHz
(VCC = 12.5 Vdc, Pout = 5.0 W)
f = 870 MHz
Gpe
10
—
11
6.0
—
—
dB
Collector Efficiency
(VCC = 12.5 Vdc, Pout = 5.0 W, f = 512 MHz)
η
60
65
—
%
Load Mismatch
(VCC = 15.5 Vdc, Pin = 500 mW, f = 512 MHz,
VSWR = 30:1, At All Phase Angles)
ψ
No Degradation in Output Power
Figure 1. 440 – 512 MHz Broadband Test Circuit
B1, B2, B3 — Ferrite Bead
C1 — 7.0 pF Unelco Mica
C2 — 1.0 – 6.0 pF Johanson Variable 5201
C3 — 15 pF Unelco Mica
C4 — 43 pF Mini–Underwood Mica
C5 — 56 pF Mini–Underwood Mica
C6 — 1000 pF Unelco Mica
C7 — 0.1
µF Ceramic
C8 — 68 pF Mini–Underwood Mica
C9 — 1.0
µF Electrolytic 25 V
C10, C11 — 5.0 pF Unelco Mica
C12 — 1.0 – 10 pF Johanson Variable 5501
L1, L2 — 6 Turns, 20 AWG Wire 0.125
″ ID
Z1, Z2 — 25 Ohm
µStripline
Z3, Z4, Z5 — 50 Ohm
µStripline
Board — 0.032
″ Glass–Teflon
D.U.T.
C4
C6
C7
C9
+
GRD
Z5
Z4
Z3
Z2
Z1
C8
C1
C2
C3
C5
C10
C11
C12
L1
B1
L2
B3
B2
+12.5 Vdc
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com