Electronic Components Datasheet Search
  English  ▼

X  

CHR2295 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR2295
Description  24-30GHz Integrated Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2295 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR2295 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHR2295
RoHS COMPLIANT
Ref.: DSCHR22951192 - 11 Jul 11
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel.: +33 (0)1 69 33 03 08 - Fax: +33 (0)1 69 33 03 09
24-30GHz Integrated Down Converter
GaAs Monolithic Microwave IC
Description
The CHR2295 is a multifunction chip which
integrates a LO time two multiplier, a
balanced cold FET mixer, and a RF LNA. It
is designed for a wide range of applications,
typically
commercial
communication
systems. The backside of the chip is both RF
and DC grounds. This helps simplify the
assembly process.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes
through the substrate, air bridges and
electron beam gate lithography.
It is available in chip form.
Main Features
■ Broadband performances: 24-30GHz
■ 11dB conversion gain
■ 3.5dB noise figure, for IF>0.1GHz
■ 10dBm LO input power
■ -10dBm RF IP@1dB gain comp.
■ Low DC power: 120mA@3.5V
■ Chip size: 2.49x1.97x0.10mm
Conversion Gain & Image suppression
@IF=1.5GHz (test board losses included)
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
24
30
GHz
FLO
LO frequency range
12
15
GHz
FIF
IF frequency range
DC
1.5
GHz
Gc
Conversion gain
8.5
11
dB
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!
-24.00
-20.00
-16.00
-12.00
-8.00
-4.00
0.00
4.00
8.00
12.00
22.5
23.5
24.5
25.5
26.5
27.5
28.5
29.5
30.5
31.5
32.5
2XLO Frequency (GHz)
Gc_channel_sup_rf+
Gc_channel_inf_rf+
Gc_channel inf_rf-
Gc_channel_sup_rf-
LO
Q
I
GM
GB
VDM
VDL
GX
VGA
RF


Similar Part No. - CHR2295

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2295 UMS-CHR2295 Datasheet
144Kb / 6P
24-30GHz Integrated Down Converter
CHR2295 UMS-CHR2295 Datasheet
191Kb / 6P
24-30GHz Integrated Down Converter
CHR2295-99F/00 UMS-CHR2295-99F/00 Datasheet
144Kb / 6P
24-30GHz Integrated Down Converter
CHR2295 UMS-CHR2295_15 Datasheet
191Kb / 6P
24-30GHz Integrated Down Converter
More results

Similar Description - CHR2295

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5390 UMS-CHA5390 Datasheet
177Kb / 8P
24-30GHz Medium Power Amplifier
CHA5390TBF UMS-CHA5390TBF Datasheet
169Kb / 6P
24-30GHz Medium Power Amplifier
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
12-17GHz Integrated Down Converter
CHR2295 UMS-CHR2295 Datasheet
144Kb / 6P
24-30GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
36- 40GHz Integrated Down Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
12-16GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
37-40GHz Integrated Down Converter
CHR2295 UMS-CHR2295_15 Datasheet
191Kb / 6P
24-30GHz Integrated Down Converter
CHR2296 UMS-CHR2296_15 Datasheet
190Kb / 6P
36-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com