Electronic Components Datasheet Search
  English  ▼

X  

CHR2296 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR2296
Description  36-40GHz Integrated Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2296 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR2296 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHR2296
36-40GHz Down Converter
Ref. : DSCHR22961192 - 11 Jul 11
2/6
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd = 3.5V
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
36
40
GHz
FLO
LO frequency range
17
20
GHz
FIF
IF frequency range
DC
1.5
GHz
Gc
Conversion gain
(1)
9
11
dB
NF
Noise Figure, for IF>0.1GHz
(1)
5
dB
PLO
LO Input power
+10
dBm
Img Sup
Image Suppression
13
15
dBc
P1dB
Input power at 1dB gain compression
-10
dBm
LO
VSWR
Input LO VSWR
(1)
2.0:1
RF
VSWR
Input RF VSWR
(1)
3.0:1
Id
Bias current
(2)
110
mA
(1) On Wafer measurements
(2) Current source biasing network is recommended. Optimum performances for Idm =
50mA and Idl = 60mA
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Maximum drain bias voltage
4.0
V
Id
Maximum drain bias current
200
mA
Vg
Gate bias voltage
-2.0 to +0.4
V
Vgd
Minimum negative gate drain voltage ( Vg
– Vd)
-5
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Tch
Maximum channel temperature
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com