Electronic Components Datasheet Search
  English  ▼

X  

KBPC2506 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # KBPC2506
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

KBPC2506 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  KBPC2506 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd KBPC2506 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
KBPC25005 THRU KBPC2510
VOLTAGE RANGE 50 to 1000 Volts
CURRENT 25 Ampere
FEATURES
•Low cost
•This series is UL recognized under component
index, file number E127707
•High forward surge current capability
•Low thermal resistance.
•High isolation voltage from case to lugs.
•High temperature soldering guaranteed:
260℃/10 second, at 5 lbs. (2.3kg) tension.
•High temperature soldering : 260
OC / 10 seconds at terminals
•Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•Case: Matel case.
•Terminal: Plated 0.25" (6.35mm) lug.
•Polarity: Polarity symbols marked on case.
•Mounting: Thru hole for #10 screw, 20 in,- lbs. Torqute Max.
•Weight: 1.02 ounce, 29 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•Ratings at 25°C ambient temperature unless otherwise specified
•Single phase, half wave, 60Hz, resistive or inductive load.
•For capacitive load derate current by 20%
KBPC
25005
KBPC
2501
KBPC
2502
KBPC
2504
KBPC
2506
KBPC
2508
KBPC
2510
SYMBOLS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output
Current, at TC = 50_ (Note 1, 2)
I(AV)
25
Amps
Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
IFSM
300
Amps
Rating for Fusing (t<8.3ms)
I2t
373
A2s
per bridge element at 12.5A
Maximum Instantaneous Forward Voltage Drop
VF
1.1
Volts
TA = 25℃
10
μA
Maximum DC Reverse Current at rate
DC blocking voltage per element
TA =100℃
IR
1.0
mA
Isolation Voltage from case to lugs
VISO
2500
VAC
Typical Thermal Resistance (Note 1,2)
RθJC
2.0
℃/W
Operating Temperature Range
TJ
(-65 to +150)
Storage Temperature Range
TSTG
(-65 to +150)
℃
1. Unit mounted on 5”X6”X4.9”(12.8cm X 15.2cm X 12.4cm)A1.finned Plate.
2. Bolt down on heat-sink with silicon thermal compound between bridge and mounting sutfase for maximum heat
Transfer efficiency with# 10 screw.
MB-35 Unit:inch(mm)
PARAMETER


Similar Part No. - KBPC2506

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC2506 WTE-KBPC2506 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC2506 SEMTECH-KBPC2506 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC2506 SSE-KBPC2506 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC2506 CHENYI-KBPC2506 Datasheet
183Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBPC2506 FUJI-KBPC2506 Datasheet
680Kb / 1P
25 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC2506

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4001 WILLAS-1N4001 Datasheet
262Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB151 WILLAS-DB151 Datasheet
565Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
MD1S WILLAS-MD1S Datasheet
334Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere
RS401M WILLAS-RS401M Datasheet
408Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
1F1 WILLAS-1F1 Datasheet
503Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101 WILLAS-FFM101 Datasheet
43Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RL1N4001 WILLAS-RL1N4001 Datasheet
469Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Yea Shin Technology Co....
KBPC25005N YEASHIN-KBPC25005N Datasheet
398Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
KBPC35005 YEASHIN-KBPC35005 Datasheet
428Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com