Electronic Components Datasheet Search
  English  ▼

X  

MRF653 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF653
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF653 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF653 Datasheet HTML 1Page - Motorola, Inc MRF653 Datasheet HTML 2Page - Motorola, Inc MRF653 Datasheet HTML 3Page - Motorola, Inc MRF653 Datasheet HTML 4Page - Motorola, Inc MRF653 Datasheet HTML 5Page - Motorola, Inc MRF653 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF653
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
Figure 4. Output Power versus Supply Voltage
Figure 5. Typical Broadband Circuit Performance
16
14
12
10
8
0
0
0.5
2
3
Pin, INPUT POWER (WATTS)
VCC = 12.5 Vdc
0
6
8
10
12
14
16
VCC, SUPPLY VOLTAGE (VOLTS)
10
8
6
4
2
0
440
460
480
520
f, FREQUENCY (MHz)
500
6
4
2
470
1
1.5
2.5
3.5
450
470
510
490
Pin = 2.4 W
16
14
12
10
8
6
4
2
1.6 W
Pin = 2.4 W
7
9
11
13
15
440 MHz
16
14
12
10
8
0
430
440
470
490
f, FREQUENCY (MHz)
6
4
2
450
460
480
500
510
520
530
VSWR
70%
60%
50%
40%
1.3:1
1.2:1
1.1:1
ηc
Pout = 10 W
VCC = 12.5 Vdc
fo = 512 MHz
Gpe
VCC = 12.5 Vdc
512
0.8 W
1.6 W
0.8 W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com