Electronic Components Datasheet Search
  English  ▼

X  

MRF658 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF658
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF658 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF658 Datasheet HTML 1Page - Motorola, Inc MRF658 Datasheet HTML 2Page - Motorola, Inc MRF658 Datasheet HTML 3Page - Motorola, Inc MRF658 Datasheet HTML 4Page - Motorola, Inc MRF658 Datasheet HTML 5Page - Motorola, Inc MRF658 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF658
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Input Power
110
100
90
80
70
60
50
40
30
20
10
5
10
15202530
35
40
PIN, INPUT POWER (WATTS)
f = 440 MHz
470
512
VCC = 12.5 Vdc
100
90
80
70
60
50
40
30
20
10
Figure 3. Output Power versus Frequency
300
f, FREQUENCY (MHz)
VCC = 12.5 Vdc
PIN = 30 W
400 410 420 430 440 450 460 470 480 490 500 510 520 530
25 W
20 W
15 W
10 W
120
110
100
90
80
70
60
50
40
30
20
10
7
8
9
10
11
12
1314
1516
17
Figure 4. Output Power versus Supply Voltage
VCC, SUPPLY VOLTAGE (VOLTS)
PIN = 35 W
30 W
25 W
20 W
15 W
10 W
f = 512 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com