Electronic Components Datasheet Search
  English  ▼

X  

RXF4SIDL Datasheet(PDF) 34 Page - Microchip Technology

Part # RXF4SIDL
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RXF4SIDL Datasheet(HTML) 34 Page - Microchip Technology

Back Button RXF4SIDL Datasheet HTML 30Page - Microchip Technology RXF4SIDL Datasheet HTML 31Page - Microchip Technology RXF4SIDL Datasheet HTML 32Page - Microchip Technology RXF4SIDL Datasheet HTML 33Page - Microchip Technology RXF4SIDL Datasheet HTML 34Page - Microchip Technology RXF4SIDL Datasheet HTML 35Page - Microchip Technology RXF4SIDL Datasheet HTML 36Page - Microchip Technology RXF4SIDL Datasheet HTML 37Page - Microchip Technology RXF4SIDL Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
MCP2515
DS21801G-page 34
 2003-2012 Microchip Technology Inc.
REGISTER 4-10:
RXFnSIDH – FILTER n STANDARD IDENTIFIER HIGH
(ADDRESS: 00h, 04h, 08h, 10h, 14h, 18h)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
SID<10:3>: Standard Identifier Filter bits
These bits hold the filter bits to be applied to bits <10:3> of the Standard Identifier portion of a received
message
Note:
The mask and filter registers read all '0' when in any mode except Configuration mode.
REGISTER 4-11:
RXFnSIDL – FILTER n STANDARD IDENTIFIER LOW
(ADDRESS: 01h, 05h, 09h, 11h, 15h, 19h)
R/W-x
R/W-x
R/W-x
U-0
R/W-x
U-0
R/W-x
R/W-x
SID2
SID1
SID0
—
EXIDE
—EID17
EID16
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
SID<2:0>: Standard Identifier Filter bits
These bits hold the filter bits to be applied to bits <2:0> of the Standard Identifier portion of a received
message
bit 4
Unimplemented: Reads as ‘0’
bit 3
EXIDE: Extended Identifier Enable bit
1
= Filter is applied only to Extended Frames
0
= Filter is applied only to Standard Frames
bit 2
Unimplemented: Reads as ‘0’
bit 1-0
EID<17:16>: Extended Identifier Filter bits
These bits hold the filter bits to be applied to bits <17:16> of the Extended Identifier portion of a
received message
Note:
The mask and filter registers read all '0' when in any mode except Configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com