Electronic Components Datasheet Search
  English  ▼

X  

LTC5551 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5551
Description  300MHz to 3.5GHz Ultra-High Dynamic Range Downconverting Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5551 Datasheet(HTML) 2 Page - Linear Technology

  LTC5551 Datasheet HTML 1Page - Linear Technology LTC5551 Datasheet HTML 2Page - Linear Technology LTC5551 Datasheet HTML 3Page - Linear Technology LTC5551 Datasheet HTML 4Page - Linear Technology LTC5551 Datasheet HTML 5Page - Linear Technology LTC5551 Datasheet HTML 6Page - Linear Technology LTC5551 Datasheet HTML 7Page - Linear Technology LTC5551 Datasheet HTML 8Page - Linear Technology LTC5551 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC5551
2
5551f
For more information www.linear.com/LTC5551
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VCC, IF+, IF–) .....................................4V
Enable Input Voltage (EN) ................–0.3V to VCC + 0.3V
Power Select Voltage (ISEL) ............–0.3V to VCC + 0.3V
LO Input Power (0.2GHz to 3.5GHz)................... +10dBm
LO Input DC Voltage ............................................ ±0.1V
RF Input Power (0.3GHz to 3.5GHz)...................+20dBm
RF Input DC Voltage............................................... ±0.1V
TEMP Diode Continuous DC Input Current.............10mA
TEMP Diode Input Voltage ........................................ ±1V
IFBIAS Voltage .........................................................2.5V
Operating Temperature Range (TC)........ –40°C to 105°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature (TJ) .................................... 150°C
CAUTION: This part is sensitive to electrostatic discharge
(ESD). It is very important that proper ESD precautions
be observed when handling the LTC5551.
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UF PACKAGE
16-LEAD (4mm × 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
TP
RF
CT
GND
TEMP
GND
LO
GND
TJMAX = 150°C, θJC = 6°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
CASE TEMPERATURE RANGE
LTC5551IUF#PBF
LTC5551IUF#TRPBF
5551
16-Lead (4mm × 4mm) Plastic QFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com