Electronic Components Datasheet Search
  English  ▼

X  

RT9058 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9058
Description  36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9058 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9058 Datasheet HTML 1Page - Richtek Technology Corporation RT9058 Datasheet HTML 2Page - Richtek Technology Corporation RT9058 Datasheet HTML 3Page - Richtek Technology Corporation RT9058 Datasheet HTML 4Page - Richtek Technology Corporation RT9058 Datasheet HTML 5Page - Richtek Technology Corporation RT9058 Datasheet HTML 6Page - Richtek Technology Corporation RT9058 Datasheet HTML 7Page - Richtek Technology Corporation RT9058 Datasheet HTML 8Page - Richtek Technology Corporation RT9058 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9058
2
DS9058-00 April 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
The RT9058 is a high input voltage linear regulator
specifically designed to minimize external components.
The input voltage range is from 3.5V to 36V.
Output Transistor
The RT9058 includes a built-in low on-resistance
P-MOSFET output transistor for low dropout voltage
applications.
Error Amplifier
The Error Amplifier compares the output feedback voltage
from an internal feedback voltage divider to an internal
reference voltage and controls the P-MOSFET's gate
voltage to maintain output voltage regulation.
Current Limit Protection
The RT9058 provides a current limit function to prevent
damage during output over-load or shorted-circuit
conditions. The output current is detected by an internal
sensing transistor.
Over Temperature Protection
The over temperature protection function will turn off the
P-MOSFET when the internal junction temperature
exceeds 150
°C (typ.) and the output current exceeds 4mA.
Once the junction temperature cools down by
approximately 20
°C, the regulator will automatically
resume operation.
OCP
OTP
Bandgap
Reference
-
VCC
GND
VOUT
R1
R2
Ordering and Marking Information
Part Number
Output
Voltage
Package
Marking
Information
RT9058-25GV
SOT-23-3
00=
RT9058-25GVL
SOT-23-3 (L)
2A=
RT9058-25GX
2.5V
SOT-89-3
00=
RT9058-30GV
SOT-23-3
2H=
RT9058-30GVL
SOT-23-3 (L)
2G=
RT9058-30GX
3.0V
SOT-89-3
10=
RT9058-33GV
SOT-23-3
03=
RT9058-33GVL
SOT-23-3 (L)
2B=
RT9058-33GX
3.3V
SOT-89-3
01=
RT9058-50GV
SOT-23-3
06=
RT9058-50GVL
SOT-23-3 (L)
2C=
RT9058-50GX
5.0V
SOT-89-3
02=
Part Number
Output
Voltage
Package
Marking
Information
RT9058-60GV
SOT-23-3
0R=
RT9058-60GVL
SOT-23-3 (L)
2D=
RT9058-60GX
6.0V
SOT-89-3
0D=
RT9058-90GV
SOT-23-3
0N=
RT9058-90GVL
SOT-23-3 (L)
2E=
RT9058-90GX
9.0V
SOT-89-3
0C=
RT9058-C0GV
SOT-23-3
0M=
RT9058-C0GVL
SOT-23-3 (L)
2F=
RT9058-C0GX
12.0V
SOT-89-3
0B=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com