Electronic Components Datasheet Search
  English  ▼

X  

DBES105A Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # DBES105A
Description  Flip-Chip Dual Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

DBES105A Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  DBES105A Datasheet HTML 1Page - United Monolithic Semiconductors DBES105A Datasheet HTML 2Page - United Monolithic Semiconductors DBES105A Datasheet HTML 3Page - United Monolithic Semiconductors DBES105A Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DBES105a
Flip-Chip Dual Diode
Ref. : DSDBES105a6354 - 20 Dec 06
2/4
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Equivalent Circuit
Rs(
Ω
Ω
Ω
Ω)
Cjo(fF) (0V)
Cpar(fF)
Fco(THz)
4.4
9.5
5.8
2.4
Fco = 1/(2
π Rs [Cpar + Cjo])
Rp can be neglected
Absolute Maximum Ratings (1)
Tamb. = 25°C
Symbol
Parameter
Typ. values
Unit
Vak
Reverse anode-cathode voltage
-5
V
Iak
Forward anode-cathode current
10
mA
(1) Operation of this device above anyone of these parameters may cause permanent damage.
Imax vs Ta mb
0
2
4
6
8
10
12
0
20
40
60
80
100
120
Tam b (°C)
Rp
Rs
Cj0
Cpar



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com