Electronic Components Datasheet Search
  English  ▼

X  

TXB2D6 Datasheet(PDF) 60 Page - Microchip Technology

Part # TXB2D6
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TXB2D6 Datasheet(HTML) 60 Page - Microchip Technology

Back Button TXB2D6 Datasheet HTML 56Page - Microchip Technology TXB2D6 Datasheet HTML 57Page - Microchip Technology TXB2D6 Datasheet HTML 58Page - Microchip Technology TXB2D6 Datasheet HTML 59Page - Microchip Technology TXB2D6 Datasheet HTML 60Page - Microchip Technology TXB2D6 Datasheet HTML 61Page - Microchip Technology TXB2D6 Datasheet HTML 62Page - Microchip Technology TXB2D6 Datasheet HTML 63Page - Microchip Technology TXB2D6 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
MCP2515
DS21801G-page 60
 2003-2012 Microchip Technology Inc.
10.4
Loopback Mode
Loopback mode will allow internal transmission of
messages from the transmit buffers to the receive
buffers without actually transmitting messages on the
CAN bus. This mode can be used in system
development and testing.
In this mode, the ACK bit is ignored and the device will
allow incoming messages from itself just as if they were
coming from another node. The Loopback mode is a
silent mode, meaning no messages will be transmitted
while in this state (including error flags or Acknowledge
signals). The TXCAN pin will be in a recessive state.
The filters and masks can be used to allow only
particular messages to be loaded into the receive
registers. The masks can be set to all zeros to provide
a mode that accepts all messages. The Loopback
mode is activated by setting the mode request bits in
the CANCTRL register.
10.5
Normal Mode
Normal mode is the standard operating mode of the
MCP2515. In this mode, the device actively monitors all
bus messages and generates Acknowledge bits, error
frames, etc. This is also the only mode in which the
MCP2515 will transmit messages over the CAN bus.
REGISTER 10-1:
CANCTRL – CAN CONTROL REGISTER
(ADDRESS: XFh)
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
REQOP2
REQOP1
REQOP0
ABAT
OSM
CLKEN
CLKPRE1
CLKPRE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
REQOP<2:0>: Request Operation mode bits
000
=
Set Normal Operation mode
001
=
Set Sleep mode
010
=
Set Loopback mode
011
=
Set Listen-Only mode
100
=
Set Configuration mode
All other values for REQOP bits are invalid and should not be used
On power-up, REQOP = b’111’
bit 4
ABAT: Abort All Pending Transmissions bit
1
= Request abort of all pending transmit buffers
0
= Terminate request to abort all transmissions
bit 3
OSM: One-Shot mode bit
1
= Enabled. Message will only attempt to transmit one time
0
= Disabled. Messages will reattempt transmission, if required
bit 2
CLKEN: CLKOUT Pin Enable bit
1
= CLKOUT pin enabled
0
= CLKOUT pin disabled (Pin is in high-impedance state)
bit 1-0
CLKPRE<1:0>: CLKOUT Pin Prescaler bits
00
=FCLKOUT = System Clock/1
01
=FCLKOUT = System Clock/2
10
=FCLKOUT = System Clock/4
11
=FCLKOUT = System Clock/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com