Electronic Components Datasheet Search
  English  ▼

X  

TXB2D7 Datasheet(PDF) 66 Page - Microchip Technology

Part # TXB2D7
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TXB2D7 Datasheet(HTML) 66 Page - Microchip Technology

Back Button TXB2D7 Datasheet HTML 62Page - Microchip Technology TXB2D7 Datasheet HTML 63Page - Microchip Technology TXB2D7 Datasheet HTML 64Page - Microchip Technology TXB2D7 Datasheet HTML 65Page - Microchip Technology TXB2D7 Datasheet HTML 66Page - Microchip Technology TXB2D7 Datasheet HTML 67Page - Microchip Technology TXB2D7 Datasheet HTML 68Page - Microchip Technology TXB2D7 Datasheet HTML 69Page - Microchip Technology TXB2D7 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
MCP2515
DS21801G-page 66
 2003-2012 Microchip Technology Inc.
Each status bit returned in this command may also be
read by using the standard Read command with the
appropriate register address.
12.9
RX STATUS
Instruction
The RX STATUS instruction (Figure 12-9) is used to
quickly determine which filter matched the message
and message type (standard, extended, remote). After
the command byte is sent, the controller will return
8 bits of data that contain the status data. If more clocks
are sent after the eight bits are transmitted, the
controller will continue to output the same status bits as
long as the CS pin stays low and clocks are provided.
12.10 BIT MODIFY Instruction
The BIT MODIFY instruction provides a means for set-
ting or clearing individual bits in specific status and con-
trol registers. This command is not available for all
registers. See Section 11.0 “Register Map” to
determine which registers allow the use of this
command.
The part is selected by lowering the CS pin and the Bit
Modify command byte is then sent to the MCP2515.
The command is followed by the address of the
register, the mask byte and finally the data byte.
The mask byte determines which bits in the register will
be allowed to change. A ‘1’ in the mask byte will allow
a bit in the register to change, while a ‘0’ will not.
The data byte determines what value the modified bits
in the register will be changed to. A ‘1’ in the data byte
will set the bit and a ‘0’ will clear the bit, provided that
the mask for that bit is set to a ‘1’ (see Figure 12-7).
FIGURE 12-1:
BIT MODIFY
TABLE 12-1:
SPI INSTRUCTION SET
Note:
Executing the Bit Modify command on
registers that are not bit-modifiable will
force the mask to FFh. This will allow byte-
writes to the registers, not bit modify.
Mask byte
Data byte
Previous
Register
Contents
Resulting
Register
Contents
00 1
1
11
00
XX 1
1
00
XX
01 0
1
10
00
01 1
1
00
00
Instruction Name
Instruction Format
Description
RESET
1100 0000
Resets internal registers to default state, set Configuration mode.
READ
0000 0011
Read data from register beginning at selected address.
READ RX BUFFER
1001 0nm0
When reading a receive buffer, reduces the overhead of a normal
Read command by placing the Address Pointer at one of four
locations, as indicated by ‘n,m’. Note: The associated RX flag bit
(CANINTF.RXnIF) will be cleared after bringing CS high.
WRITE
0000 0010
Write data to register beginning at selected address.
LOAD TX BUFFER
0100 0abc
When loading a transmit buffer, reduces the overhead of a normal
Write command by placing the Address Pointer at one of six
locations as indicated by ‘a,b,c’.
RTS
(Message
Request-To-Send)
1000 0nnn
Instructs controller to begin message transmission sequence for
any of the transmit buffers.
READ STATUS
1010 0000
Quick polling command that reads several status bits for transmit
and receive functions.
RX STATUS
1011 0000
Quick polling command that indicates filter match and message
type (standard, extended and/or remote) of received message.
BIT MODIFY
0000 0101
Allows the user to set or clear individual bits in a particular
register. Note: Not all registers can be bit-modified with this
command. Executing this command on registers that are not bit-
modifiable will force the mask to FFh. See the register map in
Section 11.0 “Register Map” for a list of the registers that apply.
1000 0nnn
Request-to-send for TXBO
Request-to-send for TXB1
Request-to-send for TXB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com