Electronic Components Datasheet Search
  English  ▼

X  

SM7 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SM7
Description  Creamic Surface Mount Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SM7 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SM7 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Crystal
Phone: +86 (10) 5820-3910
Fax: +86 (10) 5820-3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2006 by Vanlong Technology Co., Ltd.
SM7
Ceramic Surface Mount Crystal
SM7
RoHS Compliant
The SM7 series incorporates a sub-miniature AT-cut strip crystal
resonator housed in a miniature 5.0x3.2x0.9mm ceramic package.
These
compact
crystals
are
ideal
for
surface
mount,
densely-populated PCB applications.
•
Rugged AT-cut crystal construction
•
Ultra miniature for maximum spacing saving
•
Ideally suited for disc driver, PCMCIA, PC’S and hand-held
products
•
Tight specifications available
•
Complies with Directive 2002/95/EC (RoHS Compliant)
Specifications:
SM7
Frequency Range:
12 MHz ~ 45 MHz
Fundamental
36 MHz ~ 121 MHz
Overtone
All dimensions are in mm
Marking:
Line 1 : XX.XXX - Frequency in MHz (6 digit)
Line 2 : YWW - Year and Week No.
Operating Temperature:
0
°C ~ +50°C
-A
-10
°C ~ +60°C
-B
-20
°C ~ +70°C
-C
-40
°C ~ +85°C
-L
Storage Temperature:
-55
°C ~ +125°C
Frequency Tolerance:
± 50 ppm
-50
(at 25
°C)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Frequency Stability:
± 50 ppm
-50
(over temperature range)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Circuit Condition:
6 pF ~ 50 pF or series
Equivalent Series Resistance:
Maximum resistance corresponds
to frequency. Please see ESR
table. Typically 50
Ω.
Drive Level:
10
μW Typical
Ordering Information
Shunt Capacitance:
7 pF max
Product name + CL + Operating Temperature
Range + Tolerance + Stability + Other Code +
Frequency.
i.e. SM7-20-C-10-10-F-T-16.000MHz
Frequency Stability Vs. Temperature Range
Aging:
± 2 ppm max per year
Temperature Range \ PPM
± 5
± 10
± 15
A
0
°C ~ +50°C
B
-10
°C ~ +60°C
Optional Features:
Fundamental
- F
C
-20
°C ~ +70°C
X
L
-40
°C ~ +85°C
X
X
3
rd,5th,7th O.T.
- 3, 5, 7
Tape & Reel
- T
Standard
X N/A
Available Upon Request
Note:
1. Other frequencies, tolerances, stabilities, and operating temperature ranges available.
Consult VTC Support for specific requirements.
2. Not all combinations of the above tolerances, stabilities, and temperature ranges are
available. Consult VTC Support if your requirement is not standard.
3. All specifications subject to change without notice.


Similar Part No. - SM7

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SM7 VANLONG-SM7 Datasheet
47Kb / 1P
Ceramic Surface Mount Crystal
logo
Littelfuse
SM7 LITTELFUSE-SM7 Datasheet
780Kb / 5P
The Littelfuse SM7 is a plastic-encapsulated surface mount MOV in a PPS material molded package with tin-plated terminal which is fully qualified in lead free
logo
Bourns Electronic Solut...
SM7 BOURNS-SM7 Datasheet
570Kb / 3P
SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns
REV. 09/25
logo
MIC GROUP RECTIFIERS
SM7.5 MIC-SM7.5 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SM7.5A MIC-SM7.5A Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SM7

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1254 MTRONPTI-M1254_07 Datasheet
267Kb / 2P
Surface Mount Crystal
logo
List of Unclassifed Man...
HCX-7S ETC2-HCX-7S Datasheet
259Kb / 1P
SURFACE MOUNT CRYSTAL
logo
ECM Electronics Limited...
CM309S ECM-CM309S Datasheet
69Kb / 1P
Surface Mount Crystal
ECX6034 ECM-ECX6034 Datasheet
71Kb / 1P
Surface Mount Crystal
logo
Vishay Siliconix
XT36C VISHAY-XT36C Datasheet
104Kb / 3P
Surface Mount Crystal
18-Oct-07
XT36C VISHAY-XT36C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
logo
List of Unclassifed Man...
HCX-5SA ETC1-HCX-5SA Datasheet
470Kb / 2P
Surface Mount Crystal
logo
Raltron Electronics Cor...
R1612 RALTRON-R1612 Datasheet
353Kb / 3P
SURFACE MOUNT CRYSTAL
R2016 RALTRON-R2016 Datasheet
343Kb / 3P
SURFACE MOUNT CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com