Electronic Components Datasheet Search
  English  ▼

X  

AD9854ASTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9854ASTZ
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASTZ Datasheet(HTML) 5 Page - Analog Devices

  AD9854ASTZ Datasheet HTML 1Page - Analog Devices AD9854ASTZ Datasheet HTML 2Page - Analog Devices AD9854ASTZ Datasheet HTML 3Page - Analog Devices AD9854ASTZ Datasheet HTML 4Page - Analog Devices AD9854ASTZ Datasheet HTML 5Page - Analog Devices AD9854ASTZ Datasheet HTML 6Page - Analog Devices AD9854ASTZ Datasheet HTML 7Page - Analog Devices AD9854ASTZ Datasheet HTML 8Page - Analog Devices AD9854ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AD9854
Rev. E | Page 5 of 52
SPECIFICATIONS
VS = 3.3 V ± 5%, RSET = 3.9 kΩ, external reference clock frequency = 30 MHz with REFCLK multiplier enabled at 10× for AD9854ASVZ,
external reference clock frequency = 20 MHz with REFCLK multiplier enabled at 10× for AD9854ASTZ, unless otherwise noted.
Table 1.
AD9854ASVZ
AD9854ASTZ
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
REFERENCE CLOCK INPUT CHARACTERISTICS1
Internal System Clock Frequency Range
REFCLK Multiplier Enabled
Full
VI
20
300
20
200
MHz
REFCLK Multiplier Disabled
Full
VI
DC
300
DC
200
MHz
External Reference Clock Frequency Range
REFCLK Multiplier Enabled
Full
VI
5
75
5
50
MHz
REFCLK Multiplier Disabled
Full
VI
DC
300
DC
200
MHz
Duty Cycle
25°C
IV
45
50
55
45
50
55
%
Input Capacitance
25°C
IV
3
3
pF
Input Impedance
25°C
IV
100
100
kΩ
Differential Mode Common-Mode Voltage Range
Minimum Signal Amplitude2
25°C
IV
400
400
mV p-p
Common-Mode Range
25°C
IV
1.6
1.75
1.9
1.6
1.75
1.9
V
VIH (Single-Ended Mode)
25°C
IV
2.3
2.3
V
VIL (Single-Ended Mode)
25°C
IV
1
1
V
DAC STATIC OUTPUT CHARACTERISTICS
Output Update Speed
Full
I
300
200
MSPS
Resolution
25°C
IV
12
12
Bits
I and Q Full-Scale Output Current
25°C
IV
5
10
20
5
10
20
mA
I and Q DAC DC Gain Imbalance3
25°C
I
−0.5
+0.15
+0.5
−0.5
+0.15
+0.5
dB
Gain Error
25°C
I
−6
+2.25
−6
+2.25
% FS
Output Offset
25°C
I
2
2
μA
Differential Nonlinearity
25°C
I
0.3
1.25
0.3
1.25
LSB
Integral Nonlinearity
25°C
I
0.6
1.66
0.6
1.66
LSB
Output Impedance
25°C
IV
100
100
kΩ
Voltage Compliance Range
25°C
I
−0.5
+1.0
−0.5
+1.0
V
DAC DYNAMIC OUTPUT CHARACTERISTICS
I and Q DAC Quadrature Phase Error
25°C
IV
0.2
1
0.2
1
Degrees
DAC Wideband SFDR
1 MHz to 20 MHz AOUT
25°C
V
58
58
dBc
20 MHz to 40 MHz AOUT
25°C
V
56
56
dBc
40 MHz to 60 MHz AOUT
25°C
V
52
52
dBc
60 MHz to 80 MHz AOUT
25°C
V
48
48
dBc
80 MHz to 100 MHz AOUT
25°C
V
48
48
dBc
100 MHz to 120 MHz AOUT
25°C
V
48
48
dBc
DAC Narrow-Band SFDR
10 MHz AOUT (±1 MHz)
25°C
V
83
83
dBc
10 MHz AOUT (±250 kHz)
25°C
V
83
83
dBc
10 MHz AOUT (±50 kHz)
25°C
V
91
91
dBc
41 MHz AOUT (±1 MHz)
25°C
V
82
82
dBc
41 MHz AOUT (±250 kHz)
25°C
V
84
84
dBc
41 MHz AOUT (±50 kHz)
25°C
V
89
89
dBc
119 MHz AOUT (±1 MHz)
25°C
V
71
71
dBc
119 MHz AOUT (±250 kHz)
25°C
V
77
77
dBc
119 MHz AOUT (±50 kHz)
25°C
V
83
83
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com