Electronic Components Datasheet Search
  English  ▼

X  

AD7688 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7688
Description  16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7688 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7688 Datasheet HTML 3Page - Analog Devices AD7688 Datasheet HTML 4Page - Analog Devices AD7688 Datasheet HTML 5Page - Analog Devices AD7688 Datasheet HTML 6Page - Analog Devices AD7688 Datasheet HTML 7Page - Analog Devices AD7688 Datasheet HTML 8Page - Analog Devices AD7688 Datasheet HTML 9Page - Analog Devices AD7688 Datasheet HTML 10Page - Analog Devices AD7688 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7684
Rev. A | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
REF
1
+IN
2
–IN
3
GND
4
VDD
8
DCLOCK
7
DOUT
6
CS
5
AD7684
TOP VIEW
(Not to Scale)
Figure 6. 8-Lead MSOP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
REF
AI
Reference Input Voltage. The REF range is from 0.5 V to VDD. This pin is referred to the GND pin and
should be decoupled closely to the GND pin with a ceramic capacitor of a few μF.
2
+IN
AI
Differential Positive Analog Input. Referenced to −IN. The input range for +IN is between 0 V and VREF,
centered about VREF/2 and must be driven 180° out of phase with −IN.
3
–IN
AI
Differential Negative Analog Input. Referenced to +IN. The input range for −IN is between VREF and 0 V,
centered about VREF/2 and must be driven 180° out of phase with +IN.
4
GND
P
Power Supply Ground.
5
CS
DI
Chip Select Input. On its falling edge, it initiates the conversions. The part returns to shutdown mode as
soon as the conversion is complete. It also enables DOUT. When high, DOUT is high impedance.
6
DOUT
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to DCLOCK.
7
DCLOCK
DI
Serial Data Clock Input.
8
VDD
P
Power Supply.
1 AI = analog input, DI = digital input, DO = digital output, and P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com