Electronic Components Datasheet Search
  English  ▼

X  

AD7685 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7685
Description  16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7685 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7685 Datasheet HTML 5Page - Analog Devices AD7685 Datasheet HTML 6Page - Analog Devices AD7685 Datasheet HTML 7Page - Analog Devices AD7685 Datasheet HTML 8Page - Analog Devices AD7685 Datasheet HTML 9Page - Analog Devices AD7685 Datasheet HTML 10Page - Analog Devices AD7685 Datasheet HTML 11Page - Analog Devices AD7685 Datasheet HTML 12Page - Analog Devices AD7685 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7684
Rev. A | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
–3
–2
–1
0
1
2
3
0
16384
32768
49152
65536
CODE
POSITIVE INL = +0.83LSB
NEGATIVE INL = –1.07LSB
Figure 7. Integral Nonlinearity vs. Code
151
94794
18557
17388
182
0
20000
40000
60000
80000
100000
120000
FFFD FFFE FFFF
0000
0001
0002
0003
0004
0005
CODE IN HEX
VDD = REF = 2.5V
0
0
0
0
Figure 8. Histogram of a DC Input at the Code Center
–
180
–
160
–
140
–
120
–
100
–
80
–
60
–
40
–
20
0
010
20
30
40
FREQUENCY (kHz)
50
16384 POINT FFT
VDD = REF = 5V
fS = 100kSPS
fIN = 20.43kHz
Figure 9. FFT Plot
–3
–2
–1
0
1
2
3
0
16384
32768
49152
65536
CODE
POSITIVE DNL = +0.9LSB
NEGATIVE DNL = –0.45LSB
Figure 10. Differential Nonlinearity vs. Code
123872
4150
3050
0
50000
100000
150000
FFFB
FFFC
FFFD
FFFE
FFFF
CODE IN HEX
0
0
VDD = REF = 5V
Figure 11. Histogram of a DC Input at the Code Center
–
180
–
160
–
140
–
120
–
100
–
80
–
60
–
40
–
20
0
010
20
30
40
FREQUENCY (kHz)
50
16384 POINT FFT
VDD = REF = 2.5V
fS = 100kSPS
fIN = 20.43kHz
Figure 12. FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com