Electronic Components Datasheet Search
  English  ▼

X  

TO501 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # TO501
Description  Temperature Compensated Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

TO501 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  TO501 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIPPED-SINE/CMOS/TTL LEADED TCXO
Phone: +86 (10) 5820-3910
Fax: +86 (10) 5820-3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2009 by Vanlong Technology Co., Ltd.
TO501
Temperature Compensated Crystal Oscillator
TO501
•
Excellent frequency stability
•
Wide operating temperature range
•
Clipped-sine/CMOS/TTL output, tight specifications
•
20.4x12.8x7.8mm standard metal package, case ground for
minimizing RF radiation
•
Complies with Directive 2002/95/EC (RoHS Compliant)
Specifications:
TO-F
Frequency Range: for TTL/CMOS
1.25 MHz ~ 36.0 MHz
for Clipped-Sine
10.0 MHz ~ 36.0 MHz
Operating Temperature:
0
°C ~ +50°C
- A
-10
°C ~ +60°C
- B
-20
°C ~ +70°C
- C
-30
°C ~ +75°C
- D
-40
°C ~ +85°C
- L
Storage Temperature:
-55
°C ~ +125°C
Frequency Stability:
Vs. Temperature:
± 0.5 ~ ± 5.0 ppm
Vs. Supply Voltage:
± 0.2 ppm at voltage ± 5%
Vs. Load:
± 0.2 ppm at load ± 10%
Ageing:
± 1.0 ppm max first year
Pulling Range:
TCXO
- T
VC-TCXO
- V
Pulling Range:
± 5 ~ ± 15 ppm
Output Waveform:
Clipped-Sine/10K
Ω/10pF
- S
& Output Load:
TTL/10LSTTL/50
±10%
- T
CMOS/15pF/50
±5%
- C
Supply Current:
Clipped-Sine wave:
10.0 MHz ~ 15.0 MHz
1.5mA
15.0 MHz ~ 26.0 MHz
2.0mA
26.0 MHz ~ 36.0 MHz
2.5mA
TTL/COMS:
1.25 MHz ~ 10.0 MHz
10mA
10.0 MHz ~ 26.0 MHz
20mA
26.0 MHz ~ 36.0 MHz
25mA
Pin
Configurations
1
VC or NC
7
Ground
8
Output
14
Supply VDD
Supply Voltage:
+3.3 VDC (
± 0.2%)
+5.0 VDC (
± 0.3%)
- P
Phase Noise:
-115dBc/Hz
at 100Hz
-135dBc/Hz
at 1KHz
-145dBc/Hz
at 100KHz
Start-up Time:
2mSec max.
Note:
1.
Other frequencies, stabilities, and operating temperature ranges available.
Consult VTC Support for specific requirements.
2.
Not all combinations of the above, stabilities, and temperature ranges are
available. Consult VTC Support if your requirement is not standard.
All dimensions are in mm
3.
All specifications subject to change without notice.
Ordering Information
Product name + Operating Temperature +
Stability + Output Wave + Pulling Range +
Frequency (MHz).
i.e. TO501B2.0TS-8.0MHz ±2.0ppm/-10°C~+60°C/3.3V
Or TO501B1.5CTP-8.0MHz ±1.5ppm/-10°C~+60°C/5.0V


Similar Part No. - TO501

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
TO501 VANLONG-TO501 Datasheet
40Kb / 1P
Clipped-Sine/CMOS/TTL Leaded TCXO
More results

Similar Description - TO501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com