Electronic Components Datasheet Search
  English  ▼

X  

ADIS16367BMLZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16367BMLZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16367BMLZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16367BMLZ Datasheet HTML 1Page - Analog Devices ADIS16367BMLZ Datasheet HTML 2Page - Analog Devices ADIS16367BMLZ Datasheet HTML 3Page - Analog Devices ADIS16367BMLZ Datasheet HTML 4Page - Analog Devices ADIS16367BMLZ Datasheet HTML 5Page - Analog Devices ADIS16367BMLZ Datasheet HTML 6Page - Analog Devices ADIS16367BMLZ Datasheet HTML 7Page - Analog Devices ADIS16367BMLZ Datasheet HTML 8Page - Analog Devices ADIS16367BMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UG-287
Evaluation Board User Guide
Rev. B | Page 4 of 12
Table 1. Mating Connector and Mounting Hole Identifiers
Product
Mating Connector
Mounting Holes
JP1
Machine Screws
ADIS16003/PCBZ
J1
A
+5 V
M2 × 0.4 mm × 6 mm
ADIS16006/PCBZ
J1
A
+5 V
M2 × 0.4 mm × 6 mm
ADIS16133BMLZ
J4
C
+5V
M2 × 0.4 mm × 20 mm1
ADIS16135BMLZ
J4
C
+5V
M2 × 0.4 mm × 20 mm1
ADIS16136AMLZ
J4
C
+5V
M2 × 0.4 mm × 20 mm1
ADIS16201/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16203/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16204/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16209/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16210/PCBZ
J1
A, B
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16220/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16223/PCBZ
J1
A, B
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16227/PCBZ
J1
A, B
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16228/PCBZ
J1
A, B
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16240/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16260/PCBZ
J1
A
+5 V
M2 × 0.4 mm × 6 mm
ADIS16265/PCBZ
J1
A
+5 V
M2 × 0.4 mm × 6 mm
ADIS16266/PCBZ
J1
A
+5 V
M2 × 0.4 mm × 6 mm
ADIS16300/PCBZ
J4
B
+5 V
M2 × 0.4 mm × 12 mm
ADIS16305/PCBZ
J4
B
+5 V
M2 × 0.4 mm × 12 mm
ADIS16334/PCBZ
J4
D
+5 V
M2 × 0.4 mm × 12 mm
ADIS16360BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16362BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16364BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16365BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16367BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16375BMLZ
J4
F
+3.3 V
M2 × 0.4 mm × 20 mm1
ADIS16400BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16405BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16407BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16445/PCBZ
J4
E
+3.3 V
M2 × 0.4 mm × 12 mm
ADIS16448/PCBZ
J4
E
+3.3 V
M2 × 0.4 mm × 12 mm
ADIS16480AMLZ
J4
F
+3.3 V
M2 × 0.4 mm × 20 mm1
ADIS16485AMLZ
J4
F
+3.3 V
M2 × 0.4 mm × 20 mm1
ADIS16488AMLZ
J4
F
+3.3 V
M2 × 0.4 mm × 20 mm1
1
May need to trim length or use M2 × 0.4 mm × 16 mm machine screws to maintain a flush bottom-side surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com