Electronic Components Datasheet Search
  English  ▼

X  

2N2218A Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N2218A
Description  SWITCHING SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2218A Datasheet(HTML) 3 Page - Comset Semiconductor

  2N2218A Datasheet HTML 1Page - Comset Semiconductor 2N2218A Datasheet HTML 2Page - Comset Semiconductor 2N2218A Datasheet HTML 3Page - Comset Semiconductor 2N2218A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN 2N2218 – 2N2218A
2N2219 – 2N2219A
16/10/2012
COMSET SEMICONDUCTORS
3 | 4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
VCE(SAT)
Collector-Emitter
saturation Voltage
(*)
IC=150 mA, IB=15 mA
2N2218-2N2219
-
-
0.4
V
2N2218A-2N2219A
-
-
0.3
IC=500 mA, IB=50 mA
2N2218-2N2219
-
-
1.6
2N2218A-2N2219A
-
-
1
VCE(SAT)
Collector-Emitter
saturation Voltage
(*)
IC=150 mA, IB=15 mA
2N2218-2N2219
-
-
1.3
V
2N2218A-2N2219A
0.6
-
1.2
IC=500 mA, IB=50 mA
2N2218-2N2219
-
-
2.6
2N2218A-2N2219A
-
-
2
fT
Transition
frequency
IC=20 mA, VCE=20 V
f= 100MHz
2N2218-2N2218A
2N2219
250
-
-
MHz
2N2219A
300
-
-
hfe
Small signal
current gain
IC=1 mA, VCE=10 V
f= 1kHz
2N2218A
30
-
150
-
2N2219A
50
-
300
IC=10 mA, VCE=10 V
f= 1kHz
2N2218A
50
-
300
2N2219A
75
-
375
td
Delay time
IC=150 mA, IB =15 mA
-VBB=0.5 V, VCC=30 V
2N2218A
-
-
10
ns
2N2219A
tr
Rise time
IC=150 mA, IB =15 mA
-VBB=0.5 V, VCC=30 V
2N2218A
-
-
25
ns
2N2219A
ts
Storage time
IC=150 mA, VCC=30 V
IB1 = -IB2 =15 mA
2N2218A
-
-
225
ns
2N2219A
tf
Fall time
IC=150 mA, VCC=30 V
IB1 = -IB2 =15 mA
2N2218A
-
-
60
ns
2N2219A
rb,CC
Feedback time
constant
IC=20 mA, VCE=20 V
f= 31.8MHz
2N2218A
-
-
150
ps
2N2219A
(*) Pulse conditions : tp < 300
µs, δ =2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com