Electronic Components Datasheet Search
  English  ▼

X  

2N2484 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N2484
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2484 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N2484 Datasheet HTML 1Page - Comset Semiconductor 2N2484 Datasheet HTML 2Page - Comset Semiconductor 2N2484 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N2484
15/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB=45 V, IE=0
-
-
10
nA
ICBO
Collector Cutoff Current
VCB=45 V, IE=0
Tj=150°C
-
-
10
µA
IEBO
Emitter Cutoff Current
VBE=5.0 V, IC=0
-
-
10
nA
VCEO (*)
Collector Emitter Breakdown
Voltage
IC=10 mA, IB=0
60
-
-
V
VCBO
Collector Base Breakdown
Voltage
IC=10 µA, IE=0
60
-
-
V
VEBO
Emitter Base Breakdown
Voltage
IE=10 µA, IC=0
6
-
-
V
hFE (*)
DC Current Gain
IC=1 µA, VCE =5 V
30
200
-
-
IC=10 µA, VCE =5 V
100
290
500
IC=100 µA, VCE =5 V
175
375
-
IC=500 µA, VCE =5 V
200
430
-
IC=1mA, VCE =5 V
250
450
-
IC=10 mA, VCE =5 V
-
430
800
IC=10 µA, VCE =5 V
Tamb = -55°
20
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage
IC=1 mA, IB=0.1 mA
-
0.2
0.35
V
VBE
Base-Emitter Voltage
IC=100 µA, VCE =5 V
0.5
0.57
0.7
fT
Transition frequency
IC=50 µA, VCE= 5 V
f= 5 MHz
15
20
-
MHz
IC=500 µA, VCE= 5 V
f= 30 MHz
60
78
-
hfe
Small signal current gain
IC=1 mA, VCE=5.0 V
f= 1 KHz
150
400
900
-
CCBO
Collector-Base Capacitance
IE= 0 ,VCB=5 V
f = 1MHz
-
3.5
6
pF
CEBO
Emitter-Base Capacitance
IC= 0 ,VEB=0.5 V
f = 1MHz
-
3.5
6
pF
NF
Noise figure
IC= 0
VCE=5.0 V
Rg = 10 kΩ
f = 100 Hz
-
4
10
dB
f = 1 kHz
-
1.8
3
f = 10 kHz
-
0.6
2
f = 10 to
10000 Hz
-
1.8
3
(*) Pulse conditions : tp < 300
µs, δ =1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com