Electronic Components Datasheet Search
  English  ▼

X  

2N2646 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N2646
Description  SILICON UNIJUNCTION TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2646 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N2646 Datasheet HTML 1Page - Comset Semiconductor 2N2646 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2646 – 2N2647
24/09/2012
1 | 2
COMSET SEMICONDUCTORS
SILICON UNIJUNCTION TRANSISTORS
Silicon Planar Unijunction Transistors have a structure resulting in lower saturation voltage, peak-point
current and valley current as zell as a much higher base-one peak pulse voltage. In addition, these
devices are much faster switches.
The 2N2646 is intended for general purpose industrial applications where circuit economy is of primary
importance, and is ideal for use in firing circuits for Silicon Controlled Rectifiers and other applications
where a guaranteed minimum pulse amplitude is required. The 2N2647 is intended for applications where
a low emitter leakage current and a low peak point emitter current (trigger current) are required and also
for triggering high power SCR’s.
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Tj=125°C unless otherwise noted
Symbol
Ratings
2N2646 – 2N2647
Unit
VB2E
Emitter-Base2 Voltage
30
V
Ie
RMS Emitter Current
50
mA
ie
Peak Pulse Emitter Current *
2
A
VB2B1
Interbase Voltage
35
V
PD
RMS power Dissipation
300
mW
TJ
Junction Temperature
-65 to +125
°C
TStg
Storage Temperature
-65 to +150
°C
Capacitor discharge – 10µF or less, 30volts or less.
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Min.
Typ.
Max.
Unit
η
Intrinsic stand-off ratio
VB2B1 = 10V
2N2646
0.56
-
0.75
-
2N2647
0.68
-
0.82
RBBO
Interbase Resistance , VB2B1 = 3V
4.7
-
9.1
K
Ω
VEB1(sat)
Emitter Saturation Voltage
VB2B1 = 10V , IE = 50 mA
-
-
2.5
V
IB2(MOD)
Modulated Interbase Current
VB2B1 = 10V , IE = 50 mA
-
15
-
V
IEO
Emitter Revers Current
VB2E = 30 V , IB1 = 0
-
-
12
µA
V(BR)B1E
Base 1 Emitter breakdown Voltage
IE =100 µA
30
-
-
V
IV
Valley Current , VB2B1 = 20 V
2N2646
4
-
-
mA
2N2647
8
-
-
IP
Peak Current , VB2B1 = 25 V
2N2646
-
-
5
µA
2N2647
-
-
2


Similar Part No. - 2N2646

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N2646 BOCA-2N2646 Datasheet
133Kb / 2P
Silicon PN Unijuction Transistor
logo
NXP Semiconductors
2N2646 PHILIPS-2N2646 Datasheet
488Kb / 4P
Silicon unijunction transistor
December 1990
logo
List of Unclassifed Man...
2N2646 ETC-2N2646 Datasheet
54Kb / 2P
SILICON UNIJONCTION TRANSISTORS
logo
Advanced Semiconductor
2N2646 ASI-2N2646 Datasheet
51Kb / 1P
SILICON PN UNIVUNCTION TRANSISTOR
logo
Central Semiconductor C...
2N2646 CENTRAL-2N2646 Datasheet
177Kb / 4P
MU4893
More results

Similar Description - 2N2646

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N4870 BOCA-2N4870 Datasheet
162Kb / 5P
PN UNIJUNCTION TRANSISTORS SILICON UNIJUNCTION TRANSISTORS
logo
Motorola, Inc
2N4948 MOTOROLA-2N4948 Datasheet
70Kb / 2P
PN UNIJUNCTION TRANSISTORS SILICON PN UNIJUNCTION TRANSISTORS
logo
Comset Semiconductor
2N2646 COMSET-2N2646 Datasheet
104Kb / 3P
SILICON UNIJUNCTION TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4851 NJSEMI-2N4851 Datasheet
165Kb / 1P
SILICON ANNULAR UNIJUNCTION TRANSISTORS
2N4948 NJSEMI-2N4948 Datasheet
104Kb / 1P
UNIJUNCTION TRANSISTORS
2N4949 NJSEMI-2N4949 Datasheet
179Kb / 2P
SILICON ANNULAR UNIJUNCTION TRANSISTORS
2N6027 NJSEMI-2N6027 Datasheet
140Kb / 1P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
Digitron Semiconductors
2N6116 DIGITRON-2N6116 Datasheet
1Mb / 4P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
New Jersey Semi-Conduct...
MU4891 NJSEMI-MU4891 Datasheet
90Kb / 2P
SILICON ANNULAR PLASTIC UNIJUNCTION TRANSISTORS
logo
Central Semiconductor C...
2N6027 CENTRAL-2N6027_15 Datasheet
522Kb / 3P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com