Electronic Components Datasheet Search
  English  ▼

X  

2N2894 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N2894
Description  HIGH-SPEED SATURATED SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2894 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N2894 Datasheet HTML 1Page - Comset Semiconductor 2N2894 Datasheet HTML 2Page - Comset Semiconductor 2N2894 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N2894
15/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB =-6 V, IE =0V
Tj =125°C
-
-
-10
µA
ICES
Collector Cutoff Current
VBE =0 V, VCE =-6 V
-
-
-80
nA
VCEO (*)
Collector Emitter Breakdown
Voltage
IC =-10 mA, IB =0
-12
-
-
V
VCES
Collector Emitter Breakdown
Voltage
VBE =0 V, IC =-10 µA
-12
-
-
V
VCBO
Collector Base Breakdown
Voltage
IC =-10 µA, IE =0
-12
-
-
V
VEBO
Emitter Base Breakdown
Voltage
IE =-100 µA, IC =0
-4
-
-
V
hFE (*)
DC Current Gain
IC =-10 mA, VCE =-0.3 V
30
-
-
-
IC =-30 mA, VCE =-0.5 V
40
-
150
IC =-100 mA, VCE =-1 V
25
-
-
IC =150 mA, VCE =10 V
Tamb = -55°
17
-
-
VCE(SAT) (*)
Collector-Emitter saturation
Voltage
IC =-10 mA, IB =-1 mA
-
-
-0.15
V
IC =-30 mA, IB =-3 mA
-
-
-0.2
IC =-100 mA, IB =-10 mA
-
-
-0.5
VBE(SAT) (*) Base-Emitter saturation Voltage
IC =-10 mA, IB =-1 mA
-0.78
-
-0.98
IC =-30 mA, IB =-3 mA
-0.85
-
-1.2
IC =-100 mA, IB =-10 mA
-
-
-1.7
fT
Transition frequency
IC =-30 mA, VCE =-10 V
f = 100MHz
400
-
-
MHz
CCBO
Collector-Base Capacitance
IE = 0 ,VCB =-5 V
f = 1MHz
-
-
6
pF
CEBO
Emitter-Base Capacitance
IC = 0 ,VEB =-0.5 V
f = 1MHz
-
-
6
pF
ton
Turn-on Time
IC =-30 mA, VCC =-2 V
IB1 = -1.5mA
-
-
60
ns
toff
Turn-off Time
IC =-30 mA, VCC =-2 V
IB1 = -IB2 = -1.5mA
-
-
90
(*) Pulse conditions : tp < 300
µs, δ =1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com