Electronic Components Datasheet Search
  English  ▼

X  

2N2905 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N2905
Description  SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2905 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N2905 Datasheet HTML 1Page - Comset Semiconductor 2N2905 Datasheet HTML 2Page - Comset Semiconductor 2N2905 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP 2N2905 – 2N2905A
16/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB=-50 V
IE=0
2N2905A
-
-
-10
nA
2N2905
-
-
-20
VCB=-50 V, IE=0
Tj=150°C
2N2905A
-
-
-10
µA
2N2905
-
-
-20
ICEX
Collector Cutoff Current
VCE=-30 V
VBE=0.5V
2N2905A
-
-
-50
nA
2N2905
VCEO
Collector Emitter
Breakdown Voltage
IC=-10 mA
IB=0
2N2905A
-60
-
-
V
2N2905
-40
-
-
VCBO
Collector Base
Breakdown Voltage
IC=-10 µA
IE=0
2N2905A
-60
-
-
V
2N2905
VEBO
Emitter Base Breakdown
Voltage
IE=-10 µA
IC=0
2N2905A
-5
-
-
V
2N2905
hFE
DC Current Gain (*)
IC=-0.1 mA
VCE=-10 V
2N2905A
75
-
-
-
2N2905
35
-
-
IC=-1 mA
VCE=-10 V
2N2905A
100
-
-
2N2905
50
-
-
IC=-10 mA
VCE=-10 V
2N2905A
100
-
-
2N2905
75
-
-
IC=-150 mA
VCE=-10 V
2N2905A
100
-
300
2N2905
40
-
120
IC=-500 mA
VCE=-10 V
2N2905A
50
-
-
2N2905
30
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC=-150 mA
IB=-15 mA
2N2905A
-
-
-0.4
V
2N2905
IC=-500 mA
IB=-50 mA
2N2905A
-
-
-1.6
2N2905
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC=-150 mA
IB=-15 mA
2N2905A
-
-
-1.3
2N2905
IC=-500 mA
IB=-50 mA
2N2905A
-
-
-2.6
2N2905
fT
Transition frequency
IC =-50 mA
VCE =-20 V
f = 100MHz
2N2905A
200
-
-
MHz
2N2905
td
Delay time
IC=-150 mA ,IB =-15 mA
-VCC=-30 V
-
-
10
ns
tr
Rise time
-
-
40
CCBO
Collector-Base
capacitance
IE= Ie = 0 ,VCB=-10 V
f = 100kHz
2N2905A
-
-
8
pF
2N2905
CEBO
Emitter-Base capacitance
IC= Ic = 0 ,VEB=-2 V
f = 100kHz
2N2905A
-
-
30
pF
2N2905
(*) Pulse conditions : tp < 300
µs, δ =2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com