Electronic Components Datasheet Search
  English  ▼

X  

ICPL0501 Datasheet(PDF) 9 Page - ISOCOM COMPONENTS

Part # ICPL0501
Description  DESCRIPTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPL0501 Datasheet(HTML) 9 Page - ISOCOM COMPONENTS

Back Button ICPL0501 Datasheet HTML 2Page - ISOCOM COMPONENTS ICPL0501 Datasheet HTML 3Page - ISOCOM COMPONENTS ICPL0501 Datasheet HTML 4Page - ISOCOM COMPONENTS ICPL0501 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPL0501 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPL0501 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPL0501 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPL0501 Datasheet HTML 9Page - ISOCOM COMPONENTS ICPL0501 Datasheet HTML 10Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 05/12/12
DC93163
Device Marking (Example ICPL0452)
ICPL0452
denotes Device Part Number
Y
denotes 1 digit Year code
WW
denotes 2 digit Week code
I
denotes Isocom
REFLOW SOLDERING TEMPERATURE PROFILE
ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ISOCOM
COMPONENTS
TIME (s)
150°C
1-3 °C/s Max
60s – 120s
200°C
217°C
>255 °C (30s Max)
60s – 100 s
260 °C (peak,10s Max)
1-3 °C/s Max
ICPL0452
IYWW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com