Electronic Components Datasheet Search
  English  ▼

X  

2N3020 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N3020
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3020 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N3020 Datasheet HTML 1Page - Comset Semiconductor 2N3020 Datasheet HTML 2Page - Comset Semiconductor 2N3020 Datasheet HTML 3Page - Comset Semiconductor 2N3020 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN 2N3019 – 2N3020
16/10/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
fT
Transition frequency
IC =50 mA
VCE =10 V
f = 20 MHz
2N3019
100
-
-
MHz
2N3020
80
-
-
hfe
Small Signal Current Gain
IC =1 mA
VCE =5 V
f = 1 kHz
2N3019
80
-
400
-
2N3020
30
-
200
NF
Noise Figure
IC=-100 µA
VCE =10 V
f = 1 kHz
Rg = 1kΩ
2N3019
-
-
4
dB
CCBO
Collector-Base capacitance
IE = 0
VCB=10 V
f = 1 MHz
2N3019
-
-
12
pF
2N3020
CEBO
Emitter-Base capacitance
IC = 0
VEB=0.5 V
f = 1 MHz
2N3019
-
-
60
pF
2N3020
rbb’Cb’c
Feedback Time Constant
IC =10 mA
VCE =10 V
f = 4 MHz
2N3019
-
-
400
ps
2N3020
(*) Pulse conditions : tp < 300
µs, δ =2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com