Electronic Components Datasheet Search
  English  ▼

X  

2N4347 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N4347
Description  HIGH POWER INDUSTRIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4347 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N4347 Datasheet HTML 1Page - Comset Semiconductor 2N4347 Datasheet HTML 2Page - Comset Semiconductor 2N4347 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N3442 – 2N4347
05/11/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter
Sustaining Voltage (*)
IC=200 mA, IB=0
2N4347
120
-
-
V
2N3442
140
-
-
ICEO
Collector-Emitter
Current
VCE=100 V, IB=0
2N4347
-
-
200
mA
VCE=140 V, IB=0
2N3442
200
ICEX
Collector Cutoff
Current
VCE=125 V, VEB(off)=1.5 V
2N4347
-
-
2.0
mA
VCE=120 V, VEB(off)=1.5 V
TC = 150°C
10
VCE=140 V, VEB(off)=1.5 V
2N3442
-
-
5.0
VCE=140 V, VEB(off)=1.5 V
TC = 150°C
-
-
30
IEBO
Emitter Cutoff Current
VBE=7 V, IC=0
2N4347
-
-
5.0
mA
2N3442
hFE
DC Current Gain
IC=2 A, VCE=4.0 V
2N4347
15
-
60
-
IC=5 A, VCE=4 V
10
-
-
IC=3 A, VCE=4 V
2N3442
20
-
70
IC=10 A, VCE=4 V
7.5
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage
IC=2 A, IB=200 mA
2N4347
-
-
1.0
V
IC=5 A, IB=630 mA
-
-
2.0
IC=10 A, IB=200 mA
2N3442
-
-
5.0
VBE(on)
Base-Emitter Voltage
IC=2 A, VCE=4 V
2N4347
-
-
2.0
V
IC=5 A, VCE=4 V
-
-
3.0
IC=10 A, VCE=4 V
2N3442
-
-
5.7
hfe
Small Signal Current
Gain
VCE=4 V, IC=500 mA
f=1 kHz
2N4347
40
-
-
-
VCE=4 V, IC=2A
f=1 kHz
2N3442
12
-
72
VCER(SUS)
Collector-Emitter
Sustaining Voltage
RBE=100Ω
IC=100 mA
2N4347
130
-
-
V
IC=200 mA
-
-
-
IC=100 mA
2N3442
-
-
-
IC=200 mA
150
-
-
fT
Current Gain –
Bandwith Product
VCE=4 V, IC=500 mA
ftest = 50 kHz
2N4347
200
-
-
kHz
VCE=4 V, IC=500 mA ftest
= 50 kHz
2N3442
80
-
-
Is/b
Second Breakdown
Collector Current
VCE=67 V, IC=1.5 A
2N4347
1.0
-
-
s
VCE=78 V, IC=1.5 A
2N3442
1.0
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com