Electronic Components Datasheet Search
  English  ▼

X  

2N5320 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N5320
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N5320 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N5320 Datasheet HTML 1Page - Comset Semiconductor 2N5320 Datasheet HTML 2Page - Comset Semiconductor 2N5320 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N5320 – 2N5321
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB = 80 V, IE =0
2N5320
-
-
0.5
µA
VCB = 60 V, IE =0
2N5321
-
-
5
IEBO
Emitter Cutoff Current
VEB = 5 V, IC =0
2N5320
-
0.1
-
µA
VEB = 4 V, IC =0
2N5321
-
0.5
-
VCEO
Collector Emitter
Breakdown Voltage
IC = 10 mA, IB =0
2N5320
75
-
-
V
2N5321
50
-
-
VCEV
Collector Emitter
Breakdown Voltage
IC = 100 µA
VBE = 1.5V
2N5320
100
-
-
V
2N5321
75
-
-
VEBO
Emitter Base Breakdown
Voltage
IE = 100 µA, IC =0
2N5320
6
-
-
V
2N5321
5
-
-
hFE (*)
DC Current Gain
IC = 500 mA
VCE = 4 V
2N5320
30
-
130
-
2N5321
40
-
250
IC = 1 A
VCE = 2 V
2N5320
10
-
-
VCE(SAT)
(*)
Collector-Emitter
saturation Voltage
IC = 500 mA
IB = 50 mA
2N5320
-
-
0.5
V
2N5321
-
-
0.8
VBE (*)
Base-Emitter Voltage
IC = 500 mA
VCE = 4 V
2N5320
-
-
1.1
V
2N5321
-
-
1.4
fT
Transition frequency
IC = 50 mA
VCE = 4 V
f = 10 MHz
2N5320
50
-
-
MHz
2N5321
ton
Turn-on Time
IC = 500 mA
VCC = 30 V
IB1 = 50 mA
2N5320
-
-
80
ns
2N5321
toff
Turn-off Time
IC = 500 mA
VCC = 30 V
IB1 = -IB2 = 50 mA
2N5320
-
-
800
ns
2N5321
(*) Pulse conditions : tp < 300
µs, δ =1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com