Electronic Components Datasheet Search
  English  ▼

X  

2N6053 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N6053
Description  POWER COMPLEMENTARY SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6053 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N6053 Datasheet HTML 1Page - Comset Semiconductor 2N6053 Datasheet HTML 2Page - Comset Semiconductor 2N6053 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP 2N6053
17/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
MAx Unit
ICEX
Collector Cutoff
Current
VCE= VCEX =-60 V, VBE=1.5 V
2N6053
-
-
-500
µA
VCE= VCEX =-60 V, VBE=1.5 V
TC=150°C
2N6053
-
-
-5
mA
ICEO
Collector Cutoff
Current
VCE=-30 Vdc, IB=0
2N6053
-
-
-0.5
mA
IEBO
Emitter Cutoff
Current
VEB=-5 V
2N6053
-
-
-2.0
mA
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
(*)
IC=-0.1 A
2N6053
-60
-
-
V
VCE(SAT)
Collector-Emitter
saturation Voltage
(*)
IC=-4 A, IB=-16 mA
2N6053
-
-
-2.0
V
IC=-8 A, IB=-80 mA
2N6053
-
-
-3.0
VBE(SAT)
Base-Emitter
Saturation Voltage
(*)
IC=-8 A, IB=-80 mA
2N6053
-
-
-4
V
VBE(ON)
Base-Emitter
Voltage (*)
IC=-4 A, VCE=-3 V
2N6053
-
-
-2.8
V
fT
Transition
Frequency
IC=-3 A, VCE=-3 V, f=1 MHz
2N6053
4
-
-
MHz
hFE
DC Current Gain
(*)
VCE=-3 V, IC=-4 A
2N6053
750
-
18000
-
VCE=-3.0 V, IC=-8 A
2N6053
100
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com