Electronic Components Datasheet Search
  English  ▼

X  

2N6254 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N6254
Description  HIGH POWER SILICON NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6254 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N6254 Datasheet HTML 1Page - Comset Semiconductor 2N6254 Datasheet HTML 2Page - Comset Semiconductor 2N6254 Datasheet HTML 3Page - Comset Semiconductor 2N6254 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN 2N6253 – 2N6254 – 2N6371
09/11/2012
COMSET SEMICONDUCTORS
3 | 4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC=0.2 A, IB=0 A
2N6253
45
-
-
V
2N6254
80
-
-
2N6371
40
-
-
VCER(SUS)
Collector-Emitter Sustaining
Voltage (*)
RBE=100Ω
IC=0.2 mA
2N6253
55
-
-
V
2N6254
85
-
-
2N6371
45
-
-
VCEV(SUS)
Base-Emitter Voltage (*)
IC=0.1 A
VBE=-1.5 V
2N6253
55
-
-
V
2N6254
90
-
-
2N6371
50
-
-
VBE
Base-Emitter Voltage (*)
VCE=4 V, IC=3 A
2N6253
-
-
1.7
V
VCE=2 V, IC=5 A
2N6254
-
-
1.5
VCE=4 V, IC=16 A
2N6371
-
-
4
hFE
Static Forward Current
transfer ratio (*)
VCE=4 V, IC=3 A
2N6253
20
-
70
-
VCE=4 V, IC=15 A
3
-
-
VCE=2 V, IC=5 A
2N6254
20
-
70
VCE=4 V, IC=15 A
5
-
-
VCE=4 V, IC=8 A
2N6371
15
-
60
VCE=4 V, IC=16 A
4
-
-
hfe
Small Signal Current Gain
VCE=4 V, IC=1 A
f=1 kHz
2N6253
2N6254
2N6371
10
-
-
-
fT
Transition Frequency
VCE=4 V, IC=1 A
2N6253
-
-
-
kHz
2N6254
-
-
-
2N6371
800
-
-
Is/b
Second Breakdown
Collector Current
tp=1s, non rep.
VCE=45 V
2N6253
2.55
-
-
A
2N6254
1.87
-
-
VCE=40 V
2N6371
2.9
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com