Electronic Components Datasheet Search
  English  ▼

X  

183T2 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 183T2
Description  NPN SILICON TRANSISTORS, DIFFUSED MESA.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

183T2 Datasheet(HTML) 1 Page - Comset Semiconductor

  183T2_09 Datasheet HTML 1Page - Comset Semiconductor 183T2_09 Datasheet HTML 2Page - Comset Semiconductor 183T2_09 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BDY26 – 183T2
BDY27 – 184T2
BDY28 – 185T2
1 | 3
24/09/2012
COMSET SEMICONDUCTORS
N
NP
PN
N S
SIIL
LIIC
CO
ON
N T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S,, D
DIIF
FF
FU
US
SE
ED
D M
ME
ES
SA
A..
They are NPN transistors mounted in Jedec TO-3.
LF Large Signal Power Amplification.
High Current Fast Switching.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
BDY26, 183T2
180
V
BDY27, 184T2
200
BDY28, 185T2
250
VCBO
Collector-Base Voltage
BDY26, 183T2
300
V
BDY27, 184T2
400
BDY28, 185T2
500
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
6
A
IB
Base Current
3
A
PTOT
Power Dissipation
@ TC = 25°
87.5
W
TJ
Junction Temperature
200
°C
TS
Storage Temperature
-65 to +200
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
2
°C/W


Similar Part No. - 183T2_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
183T2 ETC-183T2 Datasheet
167Kb / 4P
NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Comset Semiconductor
183T2 COMSET-183T2 Datasheet
264Kb / 4P
NPN SILICON TRANSISTORS, DIFFUSED MESA
More results

Similar Description - 183T2_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDY23 ETC-BDY23 Datasheet
168Kb / 4P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY26 ETC-BDY26 Datasheet
167Kb / 4P
NPN SILICON TRANSISTORS DIFFUSED MESA
BDY53 ETC-BDY53 Datasheet
149Kb / 3P
NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Comset Semiconductor
BDY23 COMSET-BDY23 Datasheet
250Kb / 4P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY26 COMSET-BDY26 Datasheet
264Kb / 4P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY53 COMSET-BDY53 Datasheet
147Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY55 COMSET-BDY55 Datasheet
134Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY57 COMSET-BDY57 Datasheet
209Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
180T2 COMSET-180T2_12 Datasheet
79Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY55 COMSET-BDY55_12 Datasheet
79Kb / 3P
NPN SILICON TRANSISTORS, DIFFUSED MESA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com