Electronic Components Datasheet Search
  English  ▼

X  

AD9779A Datasheet(PDF) 3 Page - Analog Devices

Part # AD9779A
Description  Interfacing the ADL5373 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A Datasheet(HTML) 3 Page - Analog Devices

  AD9779A Datasheet HTML 1Page - Analog Devices AD9779A Datasheet HTML 2Page - Analog Devices AD9779A Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Circuit Note
CN-0019
Rev. A | Page 3 of 3
ADL5374 family of I/Q modulators provides narrow-band
operation with high output 1 dB compression point and OIP3,
whereas the ADL5375 provides broadband high performance
operation from 400 MHz to 6 GHz. The ADL5385 I/Q modula-
tor uses a 2 × LO and operates from 50 MHz to 2.2 GHz.
LEARN MORE
AN-772 Application Note, A Design and Manufacturing Guide
for the Lead Frame Chip Scale Package (LFCSP). Analog
Devices.
MT-016 Tutorial, Basic DAC Architectures III: Segmented DACs.
Analog Devices.
MT-017 Tutorial, Oversampling Interpolating DACs. Analog
Devices.
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of 'AGND' and 'DGND'. Analog Devices.
MT-080 Tutorial, Mixers and Modulators. Analog Devices.
MT-101 Tutorial, Decoupling Techniques. Analog Devices.
Zumbahlen, Hank. 2006. Basic Linear Design. Analog Devices.
ISBN 0915550281. Chapters 4 and 11. Also available as
Linear Circuit Design Handbook. Elsevier-Newnes, 2008,
ISBN 0750687037, Chapters 4 and 11.
Data Sheets
AD9779A Data Sheet.
ADL5373 Data Sheet.
REVISION HISTORY
5/09—Rev. 0 to Rev. A
Updated Format..................................................................Universal
10/08—Revision 0: Initial Version
(Continued from first page) "Circuits from the Lab" are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you may
use the "Circuits from the Lab" in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by application or use of
the "Circuits from the Lab". Information furnished by Analog Devices is believed to be accurate and reliable. However, "Circuits from the Lab" are supplied "as is" and without warranties of any
kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular purpose and no responsibility is assumed
by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices reserves the right to change any "Circuits
from the Lab" at any time without notice, but is under no obligation to do so. Trademarks and registered trademarks are the property of their respective owners.
©2008–2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN08222-0-5/09(A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com