Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF7020
Description  Low Power, Long Range, ISM Wireless Measuring Node
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 3 Page - Analog Devices

  ADF7020 Datasheet HTML 1Page - Analog Devices ADF7020 Datasheet HTML 2Page - Analog Devices ADF7020 Datasheet HTML 3Page - Analog Devices ADF7020 Datasheet HTML 4Page - Analog Devices ADF7020 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Circuit Note
CN-0164
Rev. A | Page 3 of 5
START
START ADC
TRANSMIT
VALUE
50µA
NO
NO
NO
1MIN?
START
N
INTERRUPT
FROM
ADF7020?
PACKAGE
RECEIVED?
200µA
25mA
NO
ADC
FINISHED?
READ ADC
LINEARIZE
AIR DATA LINK
READ ADF7020
DATA
SEND DATA
TO PC
PUT DATA IN SERIAL
BUFFER
MEASURING NODE
MAIN LOOP
RECEIVING NODE
MAIN LOOP
Figure 2. Measuring and Receiving Node Main Loop Flowcharts
Code Description—ADF7020 Driver
There are many modulation schemes supported by the
ADF7020. In this case, the GFSK (gaussian frequency shift
keying) is used. This has the benefit of having very good
spectral efficiency. In this mode, the ADF7020 generates the
data clock both when transmitting and receiving. The rising
edge of this clock (DATA CLK) generates an interrupt, which
causes the ADuC7060 to place the data on the output port, bit-
by-bit as shown in Figure 3. When all the data has been
clocked-out, the chip select is deasserted, and the ADuC7060
reenters deep sleep mode.
On the receiving side, the ADF7020 generates an interrupt
when a matching sync word is received (Port INT/LOCK goes
high for nine clock cycles)
This informs the ADuC7060 processor to prepare for the
reception of a package. Each bit that is received from the
package causes an interrupt in the ADuC7060. In the interrupt
service routine (ISR), the bit stream is read and stored in a
buffer. When all the bytes in the package have been received, a
flag is set to indicate that a new package has been received. The
main loop can now ensure the validity of the package by the
checksum. A correct and complete package can be processed. In
this case, this information is sent via the UART to the PC for
display. The same ISR handles both the sending and receiving of
data to/from the ADF7020 transceiver, as shown in Figure 4.
Source code for this circuit can be found at this address:
www.analog.com/CN0164_Source_Code.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com