Electronic Components Datasheet Search
  English  ▼

X  

OP184 Datasheet(PDF) 1 Page - Analog Devices

Part # OP184
Description  Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP184 Datasheet(HTML) 1 Page - Analog Devices

  OP184 Datasheet HTML 1Page - Analog Devices OP184 Datasheet HTML 2Page - Analog Devices OP184 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Circuit Note
CN-0174
Circuit Designs Using Analog Devices Products
Apply these product pairings quickly and with confidence.
For more information and/or support call 1-800-AnalogD
(1-800-262-5643) or visit www.analog.com/circuit.
Devices Connected/Referenced
ADF4156
6 GHz Fractional-N PLL
ADF5001
18 GHz Divide-by-4 Prescaler
OP184
Single-Supply, Rail-to-Rail Input/Output
Operational Amplifier
Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop (PLL)
Using an Active Loop Filter and RF Prescaler
Rev. A
CircuitsfromtheLab™circuitsfromAnalogDeviceshavebeendesignedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010-2011 Analog Devices, Inc. All rights reserved.
CIRCUIT FUNCTION AND BENEFITS
This circuit is a complete implementation of a low noise
microwave fractional-N PLL using the ADF4156 as the core
fractional-N PLL device. The ADF5001 external prescaler is
used to extend the frequency range of the PLL up to 18 GHz.
An ultralow noise OP184 op amp with appropriate biasing and
filtering is used to drive a microwave VCO to implement a
complete low noise PLL at 12 GHz with a measured integrated
phase noise of 0.35 ps rms. This function is typically used to
generate the local oscillator frequency (LO) for applications
such as microwave point-to-point systems, test and
measurement equipment, automotive radar, and military
applications.
CIRCUIT DESCRIPTION
A block diagram of the circuit is shown in Figure 1.
A 12 GHz VCO from Synergy Microwave Corporation, the
DXO11751220-5, was chosen for this circuit, although any
VCO operating from 4 GHz to 18 GHz would also work,
provided the loop filter is redesigned appropriately. As with the
majority of microwave VCOs, the Synergy VCO has a wide
input tuning range of 0.5 V to 15 V, which requires an active
PLL loop filter to interface between the lower voltage ADF4156
charge pump (maximum output of 5.5 V) and the VCO input.
The OP184 was chosen as the op amp for the active loop filter
because of its excellent noise performance, as well as its input
ADF5001
PRESCALER
ADF4156
PLL
SYNERGY
VCO
DXO11751220-5
3.3V
3.3V
VDD1
RFIN
RFOUT
RFINA
RFINB
CPOUT
RFOUT
GND
VDD2
3.3V
3.3V
AVDD
5V
VCC
DVDD
5V
VP
GND
GND
DECOUPLING
INTEGRATED
OP184
OP AMP
2.2V
1µF
47k
Ω
100
Ω
8.2k
Ω
1.8nF
15V
47nF
1.8nF
330
Ω
1.8nF
1k
Ω
VTUNE
RFOUT
18
Ω
37
Ω
150
Ω
150
Ω
18
Ω
18
Ω
12GHz OUT
ACTIVE PLL LOOP FILTER, 30kHz CLOSED LOOP BANDWIDTH
15V
6dB PAD
Figure 1. Low Noise Microwave Fractional-N PLL (Simplified Schematic: All Connections and Decoupling Not Shown)


Similar Part No. - OP184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP184 AD-OP184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184 AD-OP184 Datasheet
248Kb / 5P
Technical Article
OP184 AD-OP184 Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
More results

Similar Description - OP184

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC297 PHILIPS-74HC297 Datasheet
101Kb / 12P
Digital phase-locked-loop filter
September 1993
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PSA2100AF-LF ZCOMM-PSA2100AF-LF_10 Datasheet
100Kb / 2P
Fractional-N Phase-Locked Loop Surface Mount Module
PSA2150AF-LF ZCOMM-PSA2150AF-LF Datasheet
107Kb / 2P
Fractional-N Phase-Locked Loop Surface Mount Module
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA1450F-LF ZCOMM-PSA1450F-LF Datasheet
104Kb / 2P
Fractional-N Phase-Locked Loop
PSA2100AF-LF ZCOMM-PSA2100AF-LF Datasheet
100Kb / 2P
Fractional-N Phase-Locked Loop
PSA2150AF-LF ZCOMM-PSA2150AF-LF Datasheet
107Kb / 2P
Fractional-N Phase-Locked Loop
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com