Electronic Components Datasheet Search
  English  ▼

X  

AD7466 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7466
Description  Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7466 Datasheet(HTML) 5 Page - Analog Devices

  AD7466 Datasheet HTML 1Page - Analog Devices AD7466 Datasheet HTML 2Page - Analog Devices AD7466 Datasheet HTML 3Page - Analog Devices AD7466 Datasheet HTML 4Page - Analog Devices AD7466 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Circuit Note
CN-0178
Rev. A| Page 5 of 5
LEARN MORE
CN0178 Design Support Package:
http://www.analog.com/CN0178-DesignSupport
SDP User Guide
Ardizzoni, John. A Practical Guide to High-Speed Printed-
Circuit-Board Layout, Analog Dialogue 39-09, September
2005.
CN-0150 Circuit Note, Software-Calibrated, 1 MHz to 8 GHz,
70 dB RF Power Measurement System Using the AD8318
Logarithmic Detector , Analog Devices.
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of “AGND” and “DGND”, Analog Devices.
MT-073 Tutorial, High Speed Variable Gain Amplifiers (VGAs),
Analog Devices.
MT-077 Tutorial, Log Amp Basics, Analog Devices.
MT-078 Tutorial, High Speed Log Amps, Analog Devices.
MT-081 Tutorial, RMS-to-DC Converters, Analog Devices.
MT-101 Tutorial, Decoupling Techniques, Analog Devices.
Whitlow, Dana. Design and Operation of Automatic Gain
Control Loops for Receivers in Modern Communications
Systems. Chapter 8. Analog Devices Wireless Seminar. 2006.
Data Sheets and Evaluation Boards
CN-0178 Circuit Evaluation Board (EVAL-CN0178-SDPZ)
System Demonstration Platform (EVAL-SDP-CB1Z)
ADL5902 Data Sheet
ADL5902 Evaluation Board
AD7466 Data Sheet
AD7466 Evaluation Board
REVISION HISTORY
3/11—Rev. 0 to Rev. A
Added Evaluation and Design Support Section............................1
Added Circuit Evaluation and Test Section...................................4
10/10—Rev. 0: Initial Version
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
(Continuedfromfirst page)Circuits from the Lab circuits are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you
may use the Circuits from the Lab circuits in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by
application or use of the Circuits from the Lab circuits. Information furnished by Analog Devices is believed to be accurate and reliable. However, "Circuits from the Lab" are supplied "as is"
and without warranties of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular
purpose and no responsibility is assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices
reserves the right to change any Circuits from the Lab circuits at any time without notice but is under no obligation to do so.
©2010–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN09331-0-3/11(A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com