Electronic Components Datasheet Search
  English  ▼

X  

ADL5502 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5502
Description  Crest Factor, Peak, and RMS RF Power Measurement Circuit Optimized for High Speed, Low Power, and Single 3.3 V Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 2 Page - Analog Devices

  ADL5502 Datasheet HTML 1Page - Analog Devices ADL5502 Datasheet HTML 2Page - Analog Devices ADL5502 Datasheet HTML 3Page - Analog Devices ADL5502 Datasheet HTML 4Page - Analog Devices ADL5502 Datasheet HTML 5Page - Analog Devices ADL5502 Datasheet HTML 6Page - Analog Devices ADL5502 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CN-0187
Circuit Note
Rev. 0| Page 2 of 7
The ADL5502 is a mean-responding (true rms) power detector
in combination with an envelope detector to accurately
determine the crest factor (CF) of a modulated signal. It can be
used in high frequency receiver and transmitter signal chains
from 450 MHz to 6 GHz with envelope bandwidths over 10 MHz.
The peak-hold function allows the capture of short peaks in the
envelope with lower sampling rate ADCs. Total current
consumption is only 3 mA @ 3 V.
The ADA4891-4 is a high speed, quad, CMOS amplifier that
offers high performance at a low cost. Current consumption is
only 4.4 mA/amplifier at 3 V. The amplifier features true single-
supply capability, with an input voltage range that extends 300 mV
below the negative rail. The rail-to-rail output stage enables
the output to swing to within 50 mV of each rail, ensuring
maximum dynamic range. Low distortion and fast settling time
makes it ideal for this application.
The AD7266is a dual, 12-bit, high speed, low power, successive
approximation ADC that operates from a single 2.7 V to 5.25 V
power supply and features sampling rates up to 2 MSPS. The
device contains two ADCs, each preceded by a 3-channel
multiplexer, and a low noise, wide bandwidth track-and-hold
amplifier that can handle input frequencies in excess of 30 MHz.
Current consumption is only 3 mA at 3 V. It also contains an
internal 2.5 V reference.
The circuit operates on a single +3.3 V supply from the
ADP121, a low quiescent current, low dropout, linear regulator
that operates from 2.3 V to 5.5 V and provides up to 150 mA
of output current. The low 135 mV dropout voltage at 150 mA
load improves efficiency and allows operation over a wide input
voltage range. The low 30 μA of quiescent current at full load
makes the ADP121 ideal for battery-operated portable equipment.
The ADP121 is available in output voltages ranging from 1.2 V
to 3.3 V. The parts are optimized for stable operation with small
1 μF ceramic output capacitors. The ADP121 delivers good
transient performance with minimal board area.
Short-circuit protection and thermal overload protection
circuits prevent damage in adverse conditions. The ADP121 is
available in tiny 5-lead TSOT and 4-ball, 0.4 mm pitch halide-
free WLCSP packages and utilizes the smallest footprint
solution to meet a variety of portable applications.
CIRCUIT DESCRIPTION
The RF signal being measured is applied to the ADL5502.
A single 75 Ω termination resistor at the RF input in parallel
with the input impedance of the ADL5502 provides a
broadband match of 50 Ω. More precise resistive or reactive
matches can be applied for narrow frequency band use (see
the RF Input Interfacing section of the ADL5502 data sheet).
The internal filter capacitor of the ADL5502 provides averaging
in the square domain but leaves some residual ac on the output.
Signals with high peak-to-average ratios, such as W-CDMA or
CDMA2000, can produce ac residual levels on the ADL5502
VRMS dc output. To reduce the effects of these low frequency
components in the waveforms, some additional filtering is
required. The internal square-domain filter capacitance of the
ADL5502 can be augmented by connecting a CFLTR capacitor
between Pin 1 (FLTR) and Pin 2 (VPOS). The ac residual can be
reduced further by adding capacitance to the VRMS output.
The combination of the internal 100 Ω output resistance and
the added output capacitance produces a low-pass filter to
reduce output ripple of the VRMS output (see the Selecting the
Square-Domain Filter and Output Low-Pass Filter section of the
ADL5502 data sheet for more details).
To measure the peak of a waveform, the control line (CNTL)
must be temporally set to a logic high (reset mode for >1 µs)
and then set back to a logic low (peak-hold mode). This allows
the ADL5502 to be initialized to a known state. When setting
the device to measure peak, peak-hold mode should be toggled
for a period in which the input rms power and crest factor (CF)
is not likely to change.
If the ADL5502 is in peak-hold mode and the CF changes from
high to low or the input power changes from high to low, a
faulty peak measurement is reported. The ADL5502 simply
keeps reporting the highest peak that occurred when the peak-
hold mode was activated and the input power or the CF was
high. Unless CNTL is reset, the PEAK output does not reflect
the new peak in the signal.
The ADL5502 is capable of sourcing a VRMS output current of
approximately 3 mA. The output current is sourced through the
on-chip, 100 Ω series resistor; therefore, any load resistor forms
a voltage divider with this on-chip resistance. It is
recommended that the ADL5502 VRMS output drive high
resistive loads to preserve output swing. If an application
requires driving a low resistance load (as well as in cases where
increasing the nominal conversion gain is desired), a buffering
circuit is necessary.
The PEAK output is designed to drive 2 pF loads. It is
recommended that the ADL5502 PEAK output drive low
capacitive loads to achieve a full output response time. The
effects of larger capacitive loads are particularly visible when
tracking envelopes during the falling transitions. When the
envelope is in a fall transition, the load capacitor discharges
through the on-chip load resistance of 1.9 kΩ. If the larger
capacitive load is unavoidable, the additional capacitance can be
counteracted by putting a shunt resistor to ground on the PEAK
output to allow for fast discharge. Such a shunt resistor also
makes the ADL5502 run higher current, and it should not be
lower than 500 Ω.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com