Electronic Components Datasheet Search
  English  ▼

X  

ADP121 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP121
Description  Crest Factor, Peak, and RMS RF Power Measurement Circuit Optimized for High Speed, Low Power, and Single 3.3 V Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 1 Page - Analog Devices

  ADP121 Datasheet HTML 1Page - Analog Devices ADP121 Datasheet HTML 2Page - Analog Devices ADP121 Datasheet HTML 3Page - Analog Devices ADP121 Datasheet HTML 4Page - Analog Devices ADP121 Datasheet HTML 5Page - Analog Devices ADP121 Datasheet HTML 6Page - Analog Devices ADP121 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Circuit Note
CN-0187
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visitwww.analog.com/CN0187.
Devices Connected/Referenced
ADL5502
450 MHz to 6 GHz Crest Factor Detector
AD7266
Differential/Single-Ended Input, Dual,
Simultaneous Sampling, 2 MSPS, 12-Bit,
3-Channel SAR Analog-to-Digital Converter
ADA4891-4
Low Cost, Quad, CMOS, High Speed, Rail-to-
Rail Amplifier
ADP121
150 mA, Low Quiescent Current, CMOS Linear
Regulator in 5-Lead TSOT or 4-Ball WLCSP
Crest Factor, Peak, and RMS RF Power Measurement Circuit Optimized for
High Speed, Low Power, and Single 3.3 V Supply
Rev.0
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0187 Circuit Evaluation Board (EVAL-CN0187-SDPZ)
System Demonstration Platform (EVAL-SDP-CB1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 measures peak and rms power
at any RF frequency from 450 MHz to 6 GHz over a range of
approximately 45 dB. The measurement results are converted
to differential signals in order to eliminate noise and are
provided as digital codes at the output of a 12-bit SAR ADC
with serial interface and integrated reference. A simple two-
point calibration is performed in the digital domain.
U3-A
U3-D
U1
COMM
ENBL
VA1
VA2
VB1
VB2
DCAPB
DCAPA
0.47µF
27Ω
27Ω
27Ω
AGND
DGND
10kΩ
10kΩ
0.47µF
220Ω
220Ω
220Ω
442Ω
75Ω
+3.3V
CFLTR*
+3.3V
0.01µF
0.01µF
RFIN
0.01µF
0.1µF
1000pF
+3.3V
+3.3V
AVDD DVDD
VDRIVE
CS
DOUTA
SCLK
ADP121
ADL5502
AD7266
+5.5V
+3.3V
1µF
VIN
FLTR
VPOS
RFIN
VRMS
PEAK
CNTL
VOUT
EN
GND
1µF
SDP
BOARD
AND
SUPPORT
CIRCUITS
NOTE: U2 AND U3 ARE ADA4891-4
CONTROL
(HIGH RESET;
LOW PEAK HOLD)
U5
U6
+1.25V
+1.25V
+2.5V
*
*
*
*
*SEE TEXT
8
4
1
2
3
7
6
5
U2-B
U3-B
27Ω
U2-D
10kΩ
10kΩ
0.47µF
220Ω
220Ω
220Ω
442Ω
+3.3V
U3-D
U3-A
0.47µF
+2.5V
U2-A
U2-C
U3-C
Figure 1. High Speed, Low Power, Crest Factor, Peak, and RMS Power Measurement System (Simplified Schematic: All connections and Decoupling Not Shown)


Similar Part No. - ADP121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121 AD-ADP121 Datasheet
122Kb / 5P
Low Power, Long Range, ISM Wireless Measuring Node
REV. A
ADP121 AD-ADP121 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP121-2.8-EVALZ AD-ADP121-2.8-EVALZ Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121-3.0-EVALZ AD-ADP121-3.0-EVALZ Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP121

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
logo
National Semiconductor ...
AN-1434 NSC-AN-1434 Datasheet
526Kb / 6P
Crest Factor Invariant RF Power Detector
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
High Power Factor and Low THD
logo
SHANGHAI BELLING CO., L...
BL24C02A BELLING-BL24C02A Datasheet
496Kb / 16P
Single supply voltage and high speed
BL24C02P BELLING-BL24C02P Datasheet
944Kb / 16P
Single Supply Voltage and High Speed
BL24C128A BELLING-BL24C128A Datasheet
861Kb / 16P
Single supply voltage and high speed
logo
Maxim Integrated Produc...
SC1889 MAXIM-SC1889 Datasheet
110Kb / 10P
Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
Rev 0.1; August 2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com