Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5933
Description  High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 1 Page - Analog Devices

  AD5933 Datasheet HTML 1Page - Analog Devices AD5933 Datasheet HTML 2Page - Analog Devices AD5933 Datasheet HTML 3Page - Analog Devices AD5933 Datasheet HTML 4Page - Analog Devices AD5933 Datasheet HTML 5Page - Analog Devices AD5933 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Circuit Note
CN-0217
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visitwww.analog.com/CN0217.
Devices Connected/Referenced
AD5933
1 MSPS, 12-Bit Impedance Converter,
Network Analyzer
AD5934
250 kSPS, 12-Bit Impedance Converter,
Network Analyzer
AD8606
Precision, Low Noise, Dual CMOS Op Amp
High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
Rev. A
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2013 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
AD5933 Evaluation Board (EVAL-AD5933EBZ)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The AD5933 and AD5934 are high precision impedance converter
system solutions that combine an on-chip programmable frequency
generator with a 12-bit, 1 MSPS (AD5933) or 250 kSPS (AD5934)
analog-to-digital converter (ADC). The tunable frequency generator
allows an external complex impedance to be excited with a known
frequency.
The circuit shown in Figure 1 yields accurate impedance
measurements extending from the low ohm range to several
hundred kΩ, and it also optimizes the overall accuracy of the
AD5933/AD5934.
50kΩ
50kΩ
50kΩ
50kΩ
RFB
20k
Ω
20k
Ω
47nF
ZUNKNOWN
VDD
VDD
VDD
+
+
−
−
A1
A2
A1, A2 ARE
½
AD8606
1.48V
1.98V p-p
VDD/2
1.98V p-p
VDD/2
DAC
SCL
SDA
DVDD
AVDD
MCLK
AGND
DGND
ROUT
VOUT
AD5933/AD5934
RFB
VIN
1024-POINT DFT
I2C
INTERFACE
IMAGINARY
REGISTER
REAL
REGISTER
OSCILLATOR
DDS
CORE
(27 BITS)
TEMPERATURE
SENSOR
TRANSMIT SIDE
OUTPUT AMPLIFIER
ADC
(12 BITS)
LPF
GAIN
VDD
VDD
I-V
Figure 1. Optimized Signal Chain for Impedance Measurement Accuracy (Simplified Schematic, All Connections and Decoupling Not Shown)


Similar Part No. - AD5933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5933 AD-AD5933 Datasheet
553Kb / 20P
1 MSPS 12-Bit Impedance Converter, Network Analyzer
Dec-2004
AD5933 AD-AD5933 Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933 Datasheet
651Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
4/2017-Rev E to Rev F
AD5933WYRSZ-REEL7 AD-AD5933WYRSZ-REEL7 Datasheet
651Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
4/2017-Rev E to Rev F
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
More results

Similar Description - AD5933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5933 AD-AD5933 Datasheet
553Kb / 20P
1 MSPS 12-Bit Impedance Converter, Network Analyzer
Dec-2004
AD5210 AD-AD5210 Datasheet
7Mb / 8P
12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTERS
2/03-Data Sheet changed from REV. 0 to REV. A.
logo
Bourns Electronic Solut...
FB20009-3B-RC BOURNS-FB20009-3B-RC Datasheet
474Kb / 1P
High impedance
logo
Analog Devices
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5210 AD-AD5210_15 Datasheet
7Mb / 8P
12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTERS
REV. A
AD5934 AD-AD5934_15 Datasheet
468Kb / 32P
250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. C
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
4/2017-Rev E to Rev F
logo
IET Labs Inc.
1693 IET-1693 Datasheet
1Mb / 3P
High-Accuracy Impedance Bridge
09-20-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com