Electronic Components Datasheet Search
  English  ▼

X  

ADL5562 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5562
Description  High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562 Datasheet(HTML) 5 Page - Analog Devices

  ADL5562 Datasheet HTML 1Page - Analog Devices ADL5562 Datasheet HTML 2Page - Analog Devices ADL5562 Datasheet HTML 3Page - Analog Devices ADL5562 Datasheet HTML 4Page - Analog Devices ADL5562 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Circuit Note
CN-0227
Rev. A | Page 5 of 5
COMMON VARIATIONS
LEARN MORE
For applications that require less bandwidth and lower power,
the ADL5561 differential amplifier can be used. The ADL5561
has a bandwidth of 2.9 GHz and only uses 40 mA of current.
For even lower power and bandwidth, the ADA4950-1 can also
be used. This device has a 1 GHz bandwidth and only uses 10 mA
of current. For higher bandwidth, the 6 GHz ADL5565 differential
amplifier is pin compatible with the others previously listed.
CN-0227 Design Support Package:
http://www.analog.com/CN0227-DesignSupport
UG-200: Evaluating the AD9467 16-Bit, 200 MSPS/250 MSPS ADC
Arrants, Alex, Brad Brannon and Rob Reeder, AN-835
Application Note, Understanding High Speed ADC Testing
and Evaluation, Analog Devices.
Ardizzoni, John. A Practical Guide to High-Speed Printed-
Circuit-Board Layout, Analog Dialogue 39-09, September 2005.
CIRCUIT EVALUATION AND TEST
This circuit uses a modified AD9467-250EBZ circuit board and
the HSC-ADC-EVALCZ FPGA-based data capture board. The
two boards have mating high speed connectors, allowing for the
quick setup and evaluation of the circuit’s performance. The
modified AD9467-250EBZ board contains the circuit evaluated
as described in this note, and the HSC-ADC-EVALCZ data
capture board is used in conjunction with Visual Analog evaluation
software, as well as the SPI Controller software to properly control
the ADC and capture the data. See User Guide UG-200 for the
schematics, BOM, and layout for the AD9467-250EBZ board.
The readme.txt file in the CN-0227 Design Support Package
describes the modifications made to the standard AD9467-250EBZ
board. Application Note AN-835 contains complete details on
how to set up the hardware and software to run the tests described
in this circuit note.
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of “AGND” and “DGND”, Analog Devices.
MT-101 Tutorial, Decoupling Techniques, Analog Devices.
Quite Universal Circuit Simulator
Nuhertz Technologies, Filter Free Filter Design Program
Reeder, Rob, Achieve CM Convergence between Amps and ADCs,
Electronic Design, July 2010.
Reeder, Rob, Mine These High-Speed ADC Layout Nuggets For
Design Gold, Electronic Design, September 15, 2011.
Rarely Asked Questions: Considerations of High-Speed
Converter PCB Design, Part 1: Power and Ground Planes,
November 2010.
Rarely Asked Questions: Considerations of High-Speed
Converter PCB Design, Part 2: Using Power and Ground
Planes to Your Advantage, February 2011.
Rarely Asked Questions: Considerations of High-Speed Converter
PCB Design, Part 3: The E-Pad Low Down, June 2011.
Data Sheets and Evaluation Boards
AD9467 Data Sheet
ADL5562 Data Sheet
Circuit Evaluation Board (AD9467-250EBZ)
Standard Data Capture Platform (HSC-ADC-EVALCZ)
REVISION HISTORY
2/12—Rev. 0 to Rev. A
Changes to Figure 1 ..........................................................................1
11/11—Revision 0: Initial Version
(Continued from first page) Circuits from the Lab circuits are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you
may use the Circuits from the Lab circuits in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by
application or use of the Circuits from the Lab circuits. Information furnished by Analog Devices is believed to be accurate and reliable. However, Circuits from the Lab circuits are supplied
"as is" and without warranties of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular
purpose and no responsibility is assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices
reserves the right to change any Circuits from the Lab circuits at any time without notice but is under no obligation to do so.
©2011–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN10071-0-2/12(A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com