Electronic Components Datasheet Search
  English  ▼

X  

ADRF6702 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6702
Description  High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 6 Page - Analog Devices

  ADRF6702 Datasheet HTML 1Page - Analog Devices ADRF6702 Datasheet HTML 2Page - Analog Devices ADRF6702 Datasheet HTML 3Page - Analog Devices ADRF6702 Datasheet HTML 4Page - Analog Devices ADRF6702 Datasheet HTML 5Page - Analog Devices ADRF6702 Datasheet HTML 6Page - Analog Devices ADRF6702 Datasheet HTML 7Page - Analog Devices ADRF6702 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CN-0243
Circuit Note
Rev. 0 | Page 6 of 8
SPECTRUM ANALYZER
REFERENCE GENERATOR
1961MHz RF OUTPUT (LO = 1940MHz)
Figure 10. Spectrum Analyzer Noise Floor, Reference Phase Noise, and RF
Output Phase Noise
COMMON VARIATIONS
As described in the last section, PLL performance can be
adjusted by varying the bandwidth of the loop filters. There is a
trade-off between loop filter bandwidth and frequency settling
time that must be taken into account. If a DAC such as the
AD9122 is used, the DAC NCO can also be used for fine
frequency hopping, although there is a limit to the hopping
speed since the NCO requires programming via an SPI port.
Newer clock synthesis and distribution devices such as the
AD9520 and AD9523 may provide improvements in phase
noise.
CIRCUIT EVALUATION AND TEST
The EVAL-CN0243-EB1Z evaluation board requires the
following equipment and software for signal generation and
basic measurement:
Equipment Needed
• 5 V power supply
• Low phase noise reference source (10 MHz to 200 MHz
range @ +3 dBm), Rohde & Schwarz SMA100, low noise
option, or equivalent
• DPG2 Digital Pattern Generator from Analog Devices
• High dynamic range spectrum analyzer, Agilent E4440A or
equivalent
• Analog Devices EVAL-ADF4XXXZ USB Adapter
Software
• DPG2 Software (included with DPG)
• ADRF6702 software available at www.analog.com/ADRF6702
Figure 11. EVAL-CN0243-EB1Z Evaluation Board
Figure 12. Bench Test Setup
Setup and Test
The following steps are required to properly run the
EVAL-CN0243-EB1Z evaluation board:
1. Before powering up, connect all instruments, USB
adapters, and cables, as shown in Figure 13.
2. There is only a single 5 V power supply required. This
should be connected to the female banana plugs on the
EVAL-CN0243-EB1Z board. Make sure this supply is
connected, then turn on the +5 V supply. The total
current at this point should be 850 mA to 900 mA.
3. The DPG2 software contains a GUI to program the
AD9122. Program the AD9122 for the correct
interpolations rate and NCO (if desired).
4. Turn on the DPG2 software itself. If all cables and
software are working correctly, the software should
recognize the DAC input data rate and display it in the
lower right hand corner of the DPG GUI. Note that this



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com