Electronic Components Datasheet Search
  English  ▼

X  

HSA16680RF Datasheet(PDF) 1 Page - Tyco Electronics

Part # HSA16680RF
Description  Aluminium Housed Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HSA16680RF Datasheet(HTML) 1 Page - Tyco Electronics

  HSA16680RF Datasheet HTML 1Page - Tyco Electronics HSA16680RF Datasheet HTML 2Page - Tyco Electronics HSA16680RF Datasheet HTML 3Page - Tyco Electronics HSA16680RF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Characteristics - Electrical
HSA & HSC - 5 Watts to 75 Watts
HSA5
HSA10
HSA25
HSA50
HSC75
Dissipation @ 25°C with Heatsink (Watts):
10
16
25
50
75
Without Heatsink:
5.5
8
12.5
20
45
Ohmic Value Min (Ohms):
R01
R01
R01
R01
R05
Max:
10K
15K
36K
100K
50K
Max. Working Voltage (DC or ACrms) Volts:
160
265
550
1250
1400
Dielectric Strength (AC Peak) Volts:
1400
1400
2500
2500
5000
Stability (% resistance change, 1000 hours) (%):
11
1
1
2
Standard Heatsink - Area (mm2):
41500
41500
53500
53500
99500
Thickness (mm):
11
1
1
3
Number of Mounting Holes:
2 hole
2 hole
2 hole
2 hole
4 hole
Characteristics - Electrical
HSC - 100 Watts to 300 Watts
HSC100
HSC150
HSC200
HSC250
HSC300
Dissipation @ 25°C with Heatsink (Watts):
100
150
200
250
300
Without Heatsink:
50
55
50
60
75
Ohmic Value Min (Ohms):
R05
R10
R10
R10
R10
Max:
100K
100K
50K
68K
82K
Max. Working Voltage (DC or ACrms) Volts:
1900
2500
1900
2200
2500
Dielectric Strength (AC Peak) Volts:
5000
5000
5600
5600
5600
Stability (% resistance change, 1000 hours) (%):
2
233
3
Standard Heatsink - Area (mm2):
99500
99500
375000
476500
578000
Thickness (mm):
3
333
3
Number of Mounting Holes:
4 hole
4 hole
6 hole
6 hole
6 hole
Aluminium Housed Power Resistors
Type HS Series
1773035 CIS BI 10/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
I Established product
with proven reliability
• Leading the way with
over 50 years of design
and manufacturing
experience
I 5 Watts to 300 Watts
(500 Watt and 1000 Watt
versions available)
• Largest range on the
market
I Versatile product
• Bench mark in every
industry
I Custom designs
• Windings, terminations,
mountings - We have
a solution for your
application
I Low resistance, low
inductance and higher
voltage versions available
• Specialising the
standard
Applications
I Braking Resistor
I Balancing Resistor
I Capacitor Charging
& Discharging
I Crowbar
I Filter
I Electrical Machinery
general use
I Available through
Distribution
TE Connectivity are the leading European supplier of standard and custom designed
aluminium housed resistors for general-purpose use, power supplies, power generation
and the traction industry. The HS is a range of extremely stable, high quality wire wound
resistors capable of dissipating high power in a limited space with relatively low surface
temperature. The power is rapidly dissipated as heat through the aluminium housing to a
specified heatsink.
The resistors are made from quality materials for optimum reliability and stability. TE can
test resistors to conform to relevant international, MIL or customer specifications.
TE are happy to advise on the use of resistors for pulse applications and to supply
information for high voltage use and low-ohmic value, alternative mountings and
termination type.


Similar Part No. - HSA16680RF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HSA16680RF TEC-HSA16680RF Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
More results

Similar Description - HSA16680RF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WH5 WELWYN-WH5 Datasheet
71Kb / 3P
Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
862Kb / 4P
Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5_12 Datasheet
2Mb / 4P
Aluminium Housed Wirewound Resistors
logo
Tyco Electronics
THS10270RJ MACOM-THS10270RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS5047RJ MACOM-THS5047RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS25R82J MACOM-THS25R82J Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS25R01J MACOM-THS25R01J Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
HSA50 TEC-HSA50 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
logo
Ohmite Mfg. Co.
HS10 OHMITE-HS10 Datasheet
352Kb / 2P
HS Aluminium Housed Resistors
logo
TE Connectivity Ltd
1773035 TEC-1773035 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com