Electronic Components Datasheet Search
  English  ▼

X  

PE44697 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44697
Description  SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44697 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44697 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44697 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44697 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL,
PE-SR402FLJ, RG402
Configuration
Connector
SMA Female
Connector Interface Type
PE-SR402AL,PE-SR402FL,PE-SR402FLJ,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Connector Design
Precision
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.579 [14.71]
Width/Dia., in [mm]
0.433 [11.00]
.
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR-
402FL, PE-SR402FLJ, RG402 PE44697
PE44697
PE44697 REV
SMA Female Bulkhead Precision Connector Solder Attachment
For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402


Similar Part No. - PE44697

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4469 PASTERNACK-PE4469 Datasheet
216Kb / 2P
TNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Eyelet Terminal, .480 inch D Hole
PE4469 PASTERNACK-PE4469 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE44690 PASTERNACK-PE44690 Datasheet
290Kb / 3P
SMA Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44692 PASTERNACK-PE44692 Datasheet
1Mb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results

Similar Description - PE44697

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4115 PASTERNACK-PE4115 Datasheet
277Kb / 2P
SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44695 PASTERNACK-PE44695 Datasheet
895Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44715 PASTERNACK-PE44715 Datasheet
855Kb / 3P
TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44693 PASTERNACK-PE44693 Datasheet
844Kb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44705 PASTERNACK-PE44705 Datasheet
864Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44707 PASTERNACK-PE44707 Datasheet
879Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44709 PASTERNACK-PE44709 Datasheet
875Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44713 PASTERNACK-PE44713 Datasheet
868Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com