Electronic Components Datasheet Search
  English  ▼

X  

PE44698 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44698
Description  MCX Plug Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44698 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44698 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44698 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MCX Plug Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL,
PE-SR405FLJ, RG405
Configuration
Connector
MCX Plug
Connector Interface Type
PE-SR405AL,PE-SR405FL,PE-SR405FLJ,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Connector Design
Precision
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.354 [8.99]
Height, in [mm]
0.339 [8.61]
.
Connector
Type
MCX Plug
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MCX Plug Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405 from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Plug Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL,
PE-SR405FLJ, RG405 PE44698
URL: http://www.pasternack.com/mcx-plug-standard-pe-sr405al-pe-sr405fl-pe-sr405flj-connector-pe44698-p.aspx
PE44698
PE44698 REV
MCX Plug Right Angle Precision Connector Solder Attachment
For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405


Similar Part No. - PE44698

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4469 PASTERNACK-PE4469 Datasheet
216Kb / 2P
TNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Eyelet Terminal, .480 inch D Hole
PE4469 PASTERNACK-PE4469 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE44690 PASTERNACK-PE44690 Datasheet
290Kb / 3P
SMA Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44692 PASTERNACK-PE44692 Datasheet
1Mb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results

Similar Description - PE44698

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4876 PASTERNACK-PE4876 Datasheet
223Kb / 3P
MCX Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4877 PASTERNACK-PE4877 Datasheet
221Kb / 3P
MCX Plug Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44704 PASTERNACK-PE44704 Datasheet
847Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44692 PASTERNACK-PE44692 Datasheet
1Mb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44694 PASTERNACK-PE44694 Datasheet
871Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44699 PASTERNACK-PE44699 Datasheet
875Kb / 3P
MMCX Plug Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44700 PASTERNACK-PE44700 Datasheet
859Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44702 PASTERNACK-PE44702 Datasheet
851Kb / 3P
N Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44708 PASTERNACK-PE44708 Datasheet
281Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44710 PASTERNACK-PE44710 Datasheet
843Kb / 3P
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com