Electronic Components Datasheet Search
  English  ▼

X  

ADL5375 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5375
Description  Providing Fixed Power Gain at the Output of an IQ Modulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375 Datasheet(HTML) 3 Page - Analog Devices

  ADL5375 Datasheet HTML 1Page - Analog Devices ADL5375 Datasheet HTML 2Page - Analog Devices ADL5375 Datasheet HTML 3Page - Analog Devices ADL5375 Datasheet HTML 4Page - Analog Devices ADL5375 Datasheet HTML 5Page - Analog Devices ADL5375 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Circuit Note
CN-0283
Rev. 0 | Page 3 of 6
Figure 3 shows a plot of OIP3 vs. output power (POUT) measured at
the IQ modulator output and at the output of the composite circuit.
The shape of the two OIP3 profiles are quite similar, just shifted in
terms of output power and OIP3. This reinforces the idea that the
IP3 is only slightly degraded as the signal passes through the RF
amplifier
0
5
10
15
20
25
30
35
40
45
50
–10
–5
0
5
10
15
20
COMPOSITE OUTPUT POWER (dBm)
OIP3 ADL5375 AND ADL5320
OIP3 ADL5375
Figure 3. OIP3 vs. POUT at 2100 MHz for ADL5375 IQ Modulator and for the
Composite Circuit (ADL5375 and ADL5320 Driver Amplifier)
Choosing an Output Power Level
While the circuit achieves OIP3 levels in the 35 dBm to 40 dBm
range for output power levels up to 15 dBm, operation is not
practical up to these levels, particularly with nonconstant envelope
modulation schemes that tend to have relatively high peak-to-
average ratios. To understand why, look at the volts-in to power-out
transfer function of the circuit and consider the typical drive
levels that are available at the input to the IQ modulator.
Figure 4 shows the transfer function of the circuit in terms of
output power (in dBm) and input voltage (in V p-p) with a CW
sine wave, drive signal. An IQ modulator, such as the ADL5375, is
driven typically by a dual, current-out, digital-to-analog converter
(DAC). Normally, the two current outputs (0 mA to 20 mA
nominal) of the DAC are terminated to ground with two 50 Ω
resistors and two 100 Ω shunt resistors are placed across each of the
IQ inputs (for more information on this interface, see Circuit Note
CN-0205). With the DAC running at 0 dBFS, this corresponds
to a drive level at the IQ modulator of 1 V p-p or 0.353 V rms
(this is neglecting the insertion loss of the low-pass filter that is
generally placed between the DAC and the IQ modulator). This
results in an output power of approximately 13 dBm.
–10
–5
0
5
10
15
20
25
0.10
1
10
VIN (V p-p DIFFERENTIAL)
POUT ADL5375 AND ADL5320
Figure 4. Transfer Function of Circuit in Terms of Output Power in dBm and
Input Level in V p-p Differential
If it is assumed that the I and Q inputs of the IQ modulator are
terminated with 100 Ω as previously discussed, the output power
relative to the dBFS drive level of a typical Analog Devices, Inc.,
DAC can be plotted (see Figure 5). Therefore, a drive level of
0 dBFS corresponds to 1 V p-p, resulting in the same 13 dBm
output power previously discussed.
–10
–5
0
5
10
15
20
–20
–15
–10
–5
0
dBFS Level (dB)
I AND Q INPUTS TERMINATED WITH 100Ω
I AND Q INPUTS UNTERMINATED
Figure 5. Transfer Function of Circuit in Terms of Output Power vs. DAC Drive Level
with IQ Modulator I and Q Inputs Terminated with 100 Ω and with I and Q
Inputs Unterminated
Figure 5 also shows the transfer function of the circuit when the
I and Q inputs are not terminated with 100 Ω resistors. Because the
resulting DAC voltage drive level is doubled (2 V p-p maximum),
the resulting output power is higher by 6 dB for the same DAC
drive level.
While operation of the circuit without I and Q termination resistors
is possible, it does pose some problems for the filter that is usually
placed between the DAC and IQ modulator. Because this filter
is generally terminated at both ends, it is desirable to have some
resistance across the I and Q inputs of the IQ modulator (the
unterminated input resistance of these inputs is approximately
60 kΩ). A value that is in the 100 Ω to 1000 Ω range can be
used to increase the resulting DAC voltage drive level and
corresponding output power. However, take care to design



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com