Electronic Components Datasheet Search
  English  ▼

X  

ADCLK948 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCLK948
Description  Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL Fanout Buffers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK948 Datasheet(HTML) 5 Page - Analog Devices

  ADCLK948 Datasheet HTML 1Page - Analog Devices ADCLK948 Datasheet HTML 2Page - Analog Devices ADCLK948 Datasheet HTML 3Page - Analog Devices ADCLK948 Datasheet HTML 4Page - Analog Devices ADCLK948 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Circuit Note
CN-0294
Rev. 0 | Page 5 of 5
R&S FSUP 26 Signal Source Analyzer
LOCKED
Settings
Residual Noise [T1 w/o spurs]
Phase Detector +20 dB
Signal Frequency:
999.999516 MHz
Int PHN (1.0 k .. 30.0 M) –56.7 dBc
Signal Level:
–3.86 dBm
Residual PM
0.119 °
Cross Corr Mode
Harmonic 1
Residual FM
4.091 kHz
Internal Ref Tuned
Internal Phase Det
RMS Jitter
0.3304 ps
Phase Noise [dBc/Hz]
Marker 1 [T1]
Marker 2 [T1]
Marker 3 [T1]
Marker 4 [T1]
RF Atten
5 dB
1 kHz
10 kHz
100 kHz
1 MHz
Top –80 dBc/Hz
–101.38 dBc/Hz
–104.99 dBc/Hz
–113.61 dBc/Hz
–142.17 dBc/Hz
–160
–150
–140
–130
–120
–110
–100
–90
10kHz
100kHz
1MHz
10MHz
1kHz
30MHz
–160
–150
–140
–130
–120
–110
–100
–90
Spur Power (dBc)
LoopBW 300Hz
1 CLRWR
SMTH 1%
2 CLRWR
A
SPR OFF
TH 0dB
FREQUENCY OFFSET
1
2
3
4
Figure 7. ADCLK948 Output Phase Noise Measurement Showing 330.4 fs rms Jitter
LEARN MORE
CN0232 Design Support Package:
http://www.analog.com/CN0232-DesignSupport
UG-435 User Guide for the EVAL-ADF4350EB1Z board
UG-068, User Guide for the ADCLK948/PCBZ board
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of “AGND” and “DGND”, Analog Devices.
MT-086 Tutorial, Fundamentals of Phase Locked Loops (PLLs),
Analog Devices.
MT-101 Tutorial, Decoupling Techniques, Analog Devices.
ADIsimPLL Design Tool
Data Sheets and Evaluation Boards
ADF4351 Evaluation Board (EVAL-ADF4351EB1Z)
ADCLK948 Evaluation Board (ADCLK948/PCBZ)
ADF4351 Data Sheet
ADCLK948 Data Sheet
REVISION HISTORY
9/12—Revision 0: Initial Version
(Continued from first page) Circuits from the Lab circuits are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you
may use the Circuits from the Lab circuits in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by
application or use of the Circuits from the Lab circuits. Information furnished by Analog Devices is believed to be accurate and reliable. However, Circuits from the Lab circuits are supplied
"as is" and without warranties of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular
purpose and no responsibility is assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices
reserves the right to change any Circuits from the Lab circuits at any time without notice but is under no obligation to do so.
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN10989-0-9/12(0)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com