Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4351
Description  Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 1 Page - Analog Devices

  ADF4351 Datasheet HTML 1Page - Analog Devices ADF4351 Datasheet HTML 2Page - Analog Devices ADF4351 Datasheet HTML 3Page - Analog Devices ADF4351 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Circuit Note
CN-0311
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport, visitwww.analog.com/CN0311.
Devices Connected/Referenced
ADF4351
Fractional-N PLL IC with Integrated VCO
ADL5385
Wideband Transmit Modulator
ADP150
Low Noise 3.3 V LDO
ADP3334
Low Noise Adjustable LDO
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using
LO Divide-by-2 Modulator
Rev. 0
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
ADF4351 Evaluation Board (EVAL-ADF4351EB1Z)
ADL5385 Evaluation Board (ADL5385-EVALZ)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
This circuit is a complete implementation of the analog portion of a
broadband direct conversion transmitter (analog baseband in, RF
out). RF frequencies from 30 MHz to 2.2 GHz are supported by
using a phase-locked loop (PLL) with a broadband integrated
voltage controlled oscillator (VCO). Unlike modulators that use a
divide-by-1 local oscillator (LO) stage (as described in CN-0285),
harmonic filtering of the LO is not required.
Figure 1. Direct Conversion Transmitter (Simplified Schematic: All Connections and Decoupling Not Shown)
22nF
10nF
330nF
180
Ω
82
Ω
IBBP
IBBN
LOIP
QBBP
QBBN
ADF4351
VVCO
VVCO
VDD
3.3V
CPGND
AGND
DGND
RFOUTB–
RFOUTB+
CPOUT
1nF
1nF
4.7k
Ω
RSET
LE
DATA
CLK
REFIN
FREFIN
VTUNE
DVDD AVDD CE
10
28
16
29
1
2
3
22
8
31
9
11
18
21
27
51
Ω
AGNDVCO
14
15
17
20
7
PDBRF
26
SDGND
6
32
SDVDD
VP
5
SW
4
ADL5385
RFOUT
RFOUTA–
RFOUTA+
13
12
VVCO
ZBIAS
ZBIAS
I/Q SMA INPUTS
I/Q SMA INPUTS
ADP150
1µF
1µF
5.5V
5.0V
VPS1, VPS2
ADP3334
1µF
1µF
5.5V
DIVIDE-BY-2
QUADRATURE
PHASE
SPLITTER
LOIN
1nF
1nF


Similar Part No. - ADF4351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4351 AD-ADF4351 Datasheet
592Kb / 28P
Wideband Synthesizer
REV. 0
ADF4351 AD-ADF4351 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADF4351 AD-ADF4351 Datasheet
1Mb / 20P
Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
REV. 0
ADF4351 AD-ADF4351 Datasheet
248Kb / 8P
Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADF4351 AD-ADF4351 Datasheet
427Kb / 5P
Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL Fanout Buffers
REV. 0
More results

Similar Description - ADF4351

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2007 HP-HPMX-2007 Datasheet
105Kb / 8P
Vector Modulator/Mixer
logo
Merrimac Industries, In...
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
VECTOR MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B Datasheet
435Kb / 10P
DIVIDE-BY-2, DIVIDE-BY-4 0.1 - 28 GHz
logo
Analog Devices
CN-0285 AD-CN-0285 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
CN-0144 AD-CN-0144 Datasheet
238Kb / 4P
Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
CN-0134 AD-CN-0134 Datasheet
404Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. B
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com