Electronic Components Datasheet Search
  English  ▼

X  

ISQ201 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # ISQ201
Description  HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISQ201 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  ISQ201 Datasheet HTML 1Page - ISOCOM COMPONENTS ISQ201 Datasheet HTML 2Page - ISOCOM COMPONENTS ISQ201 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IS201, IS202, IS203, IS204,
ISD201, ISD202, ISD203, ISD204,
ISQ201, ISQ202, ISQ203, ISQ204
ISOCOMCOMPONENTS2004LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1UD
Tel:(01429)863609 Fax:(01429)863581
23/7/08
DB91021
0.5
7.62
7.0
6.0
1.2
OPTION G
7.62
APPROVALS
UL recognised, File No. E91231
Package Code " GG " or " FF "
'X'SPECIFICATIONAPPROVALS
VDE 0884 in 3 available lead form : -
- STD
- G form
- SMD approved to CECC 00802
IS20* Certified to EN60950 by :-
Nemko - Certificate No. P01102464
DESCRIPTION
The IS20*, ISD20*, ISQ20* series of optically
coupled isolators consist of infrared light
emitting diodes and NPN silicon photo
transistors in space efficient dual in line plastic
packages.
FEATURES
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
HighIsolationVoltage (5.3kV
RMS,7.5kVPK)
High BV
CEO (70V min)
All electrical parameter 100% tested
Custom electrical selections available
APPLICATIONS
Computer terminals
Industrial systems controllers
Signal transmission between systems of
different potentials and impedances
10.16
9.16
7.0
6.0
7.62
1.2
13°
Max
0.5
2.54
0.5
0.26
0.5
3
4
1
5
8
2
1
34
6
Dimensions in mm
HIGH DENSITY
PHOTOTRANSISTOR OPTICALLY
COUPLED ISOLATORS
SURFACE MOUNT
OPTION SM
10.16
7.0
6.0
1.2
7.62
3.0
0.5
0.26
2.54
0.5
0.26
13°
Max
3.0
13°
Max
3.35
4.0
3.0
3.0
20.32
19.32
4.0
3.0
4.0
3.0
3.35
3.35
2.54
0.26
3
6
45
2
7
14
15
1
8
7.62
6.62
25
16
13
12
11
6
10
7
9
IS201
IS202
IS203
IS204
ISD201
ISD202
ISD203
ISD204
ISQ201
ISQ202
ISQ203
ISQ204
10.46
9.86
0.6
0.1
1.25
0.75


Similar Part No. - ISQ201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISQ201 ETC-ISQ201 Datasheet
76Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - ISQ201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS201 ETC-IS201 Datasheet
76Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
MCT6 ETC-MCT6 Datasheet
57Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS1 ISOCOM-IS1 Datasheet
78Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL191 ISOCOM-TIL191 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS1 ISOCOM-IS1_08 Datasheet
85Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ILQ2SMTR ISOCOM-ILQ2SMTR Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISQ74X ISOCOM-ISQ74X Datasheet
85Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817BXSMT-R ISOCOM-ISP817BXSMT-R Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com