Electronic Components Datasheet Search
  English  ▼

X  

74HC193D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74HC193D
Description  Presettable synchronous 4-bit binary up/down counter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC193D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74HC193D Datasheet HTML 17Page - NXP Semiconductors 74HC193D Datasheet HTML 18Page - NXP Semiconductors 74HC193D Datasheet HTML 19Page - NXP Semiconductors 74HC193D Datasheet HTML 20Page - NXP Semiconductors 74HC193D Datasheet HTML 21Page - NXP Semiconductors 74HC193D Datasheet HTML 22Page - NXP Semiconductors 74HC193D Datasheet HTML 23Page - NXP Semiconductors 74HC193D Datasheet HTML 24Page - NXP Semiconductors 74HC193D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
74HC_HCT193
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2013
21 of 30
NXP Semiconductors
74HC193; 74HCT193
Presettable synchronous 4-bit binary up/down counter
Table 10.
Measurement points
Type
Input
Output
VM
VI
VM
74HC193
0.5
 V
CC
GND to VCC
0.5
 V
CC
74HCT193
1.3 V
GND to 3 V
1.3 V
Test data is given in Table 11.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator
CL = Load capacitance including jig and probe capacitance
RL = Load resistor
S1 = Test selection switch
Fig 16. Load circuitry for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 11.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
74HC193
VCC
6 ns
15pF, 50 pF
1k
open
74HCT193
3 V
6 ns
15 pF, 50 pF
1 k
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com