Electronic Components Datasheet Search
  English  ▼

X  

46121 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 46121
Description  Premium CERTI-CRIMP II Hand Tools
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

46121 Datasheet(HTML) 5 Page - Tyco Electronics

  46121 Datasheet HTML 1Page - Tyco Electronics 46121 Datasheet HTML 2Page - Tyco Electronics 46121 Datasheet HTML 3Page - Tyco Electronics 46121 Datasheet HTML 4Page - Tyco Electronics 46121 Datasheet HTML 5Page - Tyco Electronics 46121 Datasheet HTML 6Page - Tyco Electronics 46121 Datasheet HTML 7Page - Tyco Electronics 46121 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
For drawings or technical data, contact your TE Connectivity sales engineer or call the Technical Support
Center: 1-800-522-6752. Dimensions are in millimeters unless specified otherwise. Values in brackets
are English equivalents unless specified otherwise. Specifications subject to change. Consult TE
Connectivity for latest specifications.
Need More Information?
For information about tooling, call 1-800-522-6752
or e-mail toolsales@te.com.
Premium CERTI-CRIMP II Hand Tools
Catalog 65780
Revised 04-2011
CERTI-CRIMP Tooling Options
Double Action Hand Tool (DAHT)
• Dies travel in arc-like path
• Locator on tools for FASTON, MATE-N-LOK,
PIDG and PLASTI-GRIP
• Insulation adjustment on tools for
FASTON, MATE-N-LOK, PIDG and
PLASTI-GRIP terminals
• Approx. weight 1.2 lb [0.54 kg]
T-HEAD Hand Tool
• Dies close in a straight line
• Locator
• Quick take-up on handle for holding
terminal or splice in place
• Adjust insulation crimp with a 4-position
screw
• Color coded
• Approx. weight 1.3 lb [0.59 kg]
Heavy Head Hand Tool (HHHT)
• Designed to terminate most large coaxial cable
and heavy-gage wire
• Dies close in a straight line
• Locator and wire stop when applicable
• Insulation adjustment on tools for
AMPLI-BOND, PIDG and PLASTI-GRIP
• Approx. weight 2.1 lb [0.95 kg]
TETRA-CRIMP Hand Tool Part No. 59824-1
• Dies travel in arc-like path
• Multiple color-coded crimping cavities
• Terminal locator and wire stop
• Ratchet control release
• Approx. weight 1.4 lb [0.64 kg]
Platform Die Hand Tool Part No. 58078-3
• Same frame configuration as
TETRA-CRIMP Hand Tool
• Dies are interchangeable
• Adjustable terminal locator
• Approx. weight 1.4 lb [0.64 kg]
"C" Head Straight Action Hand Tool
Part No. 69710-1
• Dies close in a straight line
• Dies are interchangeable
• Locators and other applicable features
included with dies
• Approx. weight 1.9 lb [0.86 kg]
Straight Action Hand Tool (SAHT)
• Dies close in a straight line
• Contact locator and support
• Wire stop
• Insulation crimp adjustment
(4 positions)
• Ejects crimped contact
• Approx.weight 1.3 lb [0.59 kg]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com